| Zakładka z wyszukiwarką danych komponentów |
|
80960HA Arkusz danych(PDF) 88 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80960HA Arkusz danych(HTML) 88 Page - Intel Corporation |
|
88 / 102 page ![]() 80960HA/HD/HT 82 Advance Information Datasheet SUPBAR : out bit; TCK : in bit; TDI : in bit; TDO : out bit; TMS : in bit; TRST : in bit; WAITBAR : out bit; WRBAR : out bit; XINTBAR : in bit_vector(0 to 7); FIVEVREF : linkage bit; VCCPLL : linkage bit; VOLTDET : out bit; VCC1 : linkage bit_vector(0 to 23); VCC2 : linkage bit_vector(0 to 20); VSS1 : linkage bit_vector(0 to 25); VSS2 : linkage bit_vector(0 to 22); NC : linkage bit_vector(0 to 4) ); use STD_1149_1_1990.all; use i960ha_a.all; attribute PIN_MAP of Ha_Processor : entity is PHYSICAL_PIN_MAP; constant PGA:PIN_MAP_STRING := “A : (D16, D17, E16, E17, F17, G16, G17, H17, J17,”& “ K17, L17, L16, M17, N17, N16, P17, Q17, P16,”& “ P15, Q16, R17, R16, Q15, S17, R15, S16, Q14, ”& “ R14, Q13, S15), “ADSBAR : R06,”& “BEBAR : (R09, S07, S06, S05),”& “BLASTBAR : S08,”& “BOFFBAR : B01,”& “BREQ : R13,”& “BSTALL : R12,”& “BTERMBAR : R04,”& “CT : (A11, A12, A13, A14),”& “CLKIN : C13,”& Example 1. Boundary-Scan Description Language (BSDL) for PGA Package Example (Sheet 3 of 8) |