Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

80960HT Arkusz danych(PDF) 48 Page - Intel Corporation

Numer części 80960HT
Szczegółowy opis  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTEL [Intel Corporation]
Strona internetowa  http://www.intel.com
Logo INTEL - Intel Corporation

80960HT Arkusz danych(HTML) 48 Page - Intel Corporation

Back Button 80960HT Datasheet HTML 44Page - Intel Corporation 80960HT Datasheet HTML 45Page - Intel Corporation 80960HT Datasheet HTML 46Page - Intel Corporation 80960HT Datasheet HTML 47Page - Intel Corporation 80960HT Datasheet HTML 48Page - Intel Corporation 80960HT Datasheet HTML 49Page - Intel Corporation 80960HT Datasheet HTML 50Page - Intel Corporation 80960HT Datasheet HTML 51Page - Intel Corporation 80960HT Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 102 page
background image
80960HA/HD/HT
42
Advance Information Datasheet
Figure 19. Output Delay and Output Float for TBSOV1 and TBSOF1
Figure 20. Output Delay and Output Float Waveform for TBSOV2 and TBSOF2
Figure 21. Input Setup and Hold Waveform for TBSIS2 and TBSIH2
TCK
1.5 V
1.5 V
1.5 V
1.5 V
TBSOV1
TDO
Valid
TBSOF1
TCK
1.5 V
1.5 V
1.5 V
1.5 V
TBSOV2
Non-Test
Valid
TBSOF2
Outputs
TCK
Non-Test
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
Valid
TBSIS2
TBSIH2
Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More