| Zakładka z wyszukiwarką danych komponentów |
|
AP87C51FC Arkusz danych(PDF) 2 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
AP87C51FC Arkusz danych(HTML) 2 Page - Intel Corporation |
|
2 / 18 page ![]() AUTOMOTIVE 87C51FAFBFCFC-20 270961 – 1 Figure 1 87C51FBFC Block Diagram 87C51FAFBFC PRODUCT OPTIONS Intel’s extended and automotive temperature range products are designed to meet the needs of those applications whose operating requirements exceed commercial standards With the commercial standard temperature range operational characteristics are guaranteed over the temperature range of 0 Cto70 C ambient With the extended temperature range option operational characteristics are guaranteed over the temperature 2 |