| Zakładka z wyszukiwarką danych komponentów |
|
TDA7493 Arkusz danych(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7493 Arkusz danych(HTML) 14 Page - STMicroelectronics |
|
14 / 30 page ![]() Figure 7. Schematic for the filterless configuration INNL INPL STANDBY SYNCLK ROSC SGND INNR INPR SVR GAIN1 GAIN0 SVCC PVCCPL OUTPL PGNDPL PGNDNL OUTNL PVCCNL PVCCPR OUTPR PGNDNR PGNDPR OUTNR PVCCNR TDA7493 TDA7493 amplifier (filterless) Table 8. Resistance values for input configuration 8 8 (*1) R2, R3, R4 and R5 are 0- Ω resistors which can be replaced by ferrite beads if EMI optimization is required (*2) C14, C15, C17, and C18 are 1-nF capacitors which are needed when ferrite beads are used for EMI optimization |