Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AO3418 Arkusz danych(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części AO3418
Szczegółowy opis  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO3418 Arkusz danych(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  AO3418 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO3418 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO3418 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO3418 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
N-Channel MOSFET
AO3418 (KO3418)
Typical Characterisitics
0
2
4
6
8
10
0
2
4
6
8
10
12
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
30
VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
Coss
Crss
VDS=15V
ID=3.8A
1
10
100
1000
10000
0.00001
0.001
0.1
10
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note F)
TA=25°C
0.0
0.1
1.0
10.0
100.0
0.01
0.1
1
10
100
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
10µs
10s
1ms
DC
RDS(ON)
limited
TJ(Max)=150°C
TA=25°C
100µs
10ms
0
2
4
6
8
10
0
2
4
6
8
10
12
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
30
VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
Coss
Crss
VDS=15V
ID=3.8A
1
10
100
1000
10000
0.00001
0.001
0.1
10
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note F)
TA=25°C
0.0
0.1
1.0
10.0
100.0
0.01
0.1
1
10
100
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
10µs
10s
1ms
DC
RDS(ON)
limited
TJ(Max)=150°C
TA=25°C
100µs
10ms
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
RθJA=125°C/W



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com