| Zakładka z wyszukiwarką danych komponentów |
|
ADE7755ARSRLZ1 Arkusz danych(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7755ARSRLZ1 Arkusz danych(HTML) 9 Page - Analog Devices |
|
9 / 20 page ![]() ADE7755 Rev. A | Page 9 of 20 0.1 0.01 1 10 0.8 0.6 0.4 0.2 FULL-SCALE CURRENT (%) –0.2 –0.6 –0.4 0 –0.8 100 PF = 0.5 GAIN = 8 ON-CHIP REFERENCE –40°C PF = 0.5 +25°C PF = 1 +25°C PF = 0.5 +85°C PF = 0.5 Figure 10. Error as a % of Reading (Gain = 8) 0.1 0.01 1 10 0.4 0.2 0 –0.2 FULL-SCALE CURRENT (%) –0.6 –0.8 –0.4 –1.0 100 –40°C PF = 0.5 +25°C PF = 1 +25°C PF = 0.5 +85°C PF = 0.5 PF = 0.5 GAIN = 16 ON-CHIP REFERENCE Figure 11. Error as a % of Reading (Gain = 16) 0.1 0.01 1 10 FULL-SCALE CURRENT (%) 100 0.4 0.3 0.2 0.1 0 –0.1 –0.2 –0.3 –0.4 PF = 1 GAIN = 2 EXTERNAL REFERENCE +25°C –40°C +85°C Figure 12. Error as a % of Reading over Temperature with an External Reference (Gain = 2) 0.1 0.01 1 10 FULL-SCALE CURRENT (%) 100 0.4 0.3 0.2 0.1 0 –0.1 –0.2 –0.3 –0.4 PF = 1 GAIN = 16 EXTERNAL REFERENCE –40°C +25°C +85°C Figure 13. Error as a % of Reading over Temperature with an External Reference (Gain = 16) 50 45 60 55 70 65 0.8 0.6 0.4 0.2 FREQUENCY (Hz) 0 –0.2 –0.4 –0.6 75 PF = 1 PF = 0.5 Figure 14. Error as a % of Reading over Frequency 40A TO 40mA 500µΩ 1.5mΩ 10mΩ 1kΩ 1MΩ 1kΩ 10µF 100nF NC AVDD AC/DC DVDD F1 F2 U1 ADE7755 CF REVP NC CLKOUT CLKIN G0 G1 S0 S1 SCF V1P V1N V2N V2P REFIN/OUT 100nF 10µF K7 NC = NO CONNECT PS2501-1 33pF 33pF K8 10kΩ 10nF 10nF 10nF VDD RESET AGND DGND Y1 3.58MHz GAIN SELECT U3 VDD VDD 33nF 33nF 100nF 33nF 1kΩ 10µF 220V 33nF 1kΩ 4 32 1 24 1 4 3 2 23 22 20 19 18 17 16 15 14 13 12 21 11 9 5 6 7 8 10 Figure 15. Test Circuit for Performance Curves |