| Zakładka z wyszukiwarką danych komponentów |
|
UPC317 Arkusz danych(PDF) 3 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPC317 Arkusz danych(HTML) 3 Page - NEC |
|
3 / 6 page ![]() Data Sheet G12826EJ3V0DS00 3 µµµµPC317 TYPICAL CONNECTION PC317 INPUT OUTPUT CADJ 10 F VO D1 D2 R2 ADJ R1 240 Ω CIN 0.1 F CO 1 F VIN + + µ µ µ µ Remark R1, R2 : Resistor to set the output voltage. VO = (1 + ) • VREF + IADJ • R2 = (1 + ) • VREF VO (V) R2 ( Ω : TYP.) 1.25 0 2.5 240 5.0 720 12 2064 24 4368 30 5520 CIN : Need to stop the oscillation for the long input wiring length. CO : Need to stop the oscillation for the long output wiring length. Improve the transient stability of the output voltage when the lord current is suddently changed. CADJ : Improve the ripple rejection and the oscillate rejection. D1 : Protect against CADJ from output short. D2 : Need for VIN < VO. R2 R1 R2 R1 . . |