Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HS-A1420 Arkusz danych(PDF) 1 Page - Nel Frequency Controls,inc

Numer części HS-A1420
Szczegółowy opis  offering RFI shielding, and are designed to survive standard wave soldering operations without damage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEL [Nel Frequency Controls,inc]
Strona internetowa  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

HS-A1420 Arkusz danych(HTML) 1 Page - Nel Frequency Controls,inc

  HS-A1420_10 Datasheet HTML 1Page - Nel Frequency Controls,inc HS-A1420_10 Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
CMOS
HS-A1420 Series
Description
The HS-A1420 Series of quartz crystal oscillators provide enable/disable 3-state CMOS compatible signals
for bus connected systems. Supplying Pin 1 of the HS-A1420 units with a logic “1" or open enables its
output. In the disabled mode, output pin presents a high impedance to the load. All units are resistance
welded in an all metal package, offering RFI shielding, and are designed to survive standard wave soldering
operations without damage. Insulated standoffs to enhance board cleaning are standard.
Features
• Wide frequency range– 40.1MHz to 70.0MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 3000g
• All metal, resistance weld, hermetically sealed
package
• 3.3 Volt operation
• Low Jitter
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• Low power consumption
• Gold plated leads - Solder dipped leads available
upon request
• RoHS Compliant, Lead Free Construction
(unless solder dipped leads are supplied)
• COTS/Dual use
Electrical Connection
Pin
Connection
1
Enable Input
7
Grd & Case
8
Output
14
V
DD
Dimensions are in inches and (MM)
CRYSTAL CLOCK OSCILLATORS
Data Sheet 9617F
Rev. T


Podobny numer części - HS-A1420_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
HS-A1420-FREQ ETC1-HS-A1420-FREQ Datasheet
364Kb / 2P
CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
HS-A1420-FREQ NEL-HS-A1420-FREQ Datasheet
257Kb / 2P
CMOS
More results

Podobny opis - HS-A1420_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nel Frequency Controls,...
HA-1450 NEL-HA-1450_10 Datasheet
60Kb / 2P
All units are designed to survive wave soldering operations without damage
HS-160 NEL-HS-160_10 Datasheet
58Kb / 2P
All units are resistance welded in an all metal package, offering RFI shielding
SJ-160 NEL-SJ-160_10 Datasheet
100Kb / 3P
of quartz crystal oscillators are designed to survive standard wave soldering operations without damage
SJ-370 NEL-SJ-370_10 Datasheet
100Kb / 3P
of quartz crystal oscillators are designed to survive standard wave soldering operations
SJ-1420 NEL-SJ-1420_10 Datasheet
158Kb / 3P
All units are designed to survive standard wave soldering operations without damage
SJ-A370 NEL-SJ-A370_10 Datasheet
100Kb / 3P
of quartz crystal oscillators are designed to survive standard wave soldering operations without damage
SJ-A460 NEL-SJ-A460 Datasheet
100Kb / 3P
of quartz crystal oscillators are designed to survive standard wave soldering operations without damage
logo
TXC Corporation.
AU-SERIES TXC-AU-SERIES Datasheet
996Kb / 1P
Designed for automatic mounting and refl ow soldering.
logo
PHOENIX CONTACT
1145419 PHOENIX-1145419 Datasheet
476Kb / 16P
PCB headers, Reflow/wave soldering
2020-02-11
logo
Bertech.
ALTC BERTECH-ALTC Datasheet
110Kb / 1P
EMI-RFI Shielding Tape RoHS Compliant
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com