Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AE-XA4XXX-X Arkusz danych(PDF) 1 Page - Nel Frequency Controls,inc

Numer części AE-XA4XXX-X
Szczegółowy opis  temperature compensated crystal oscillators (TCXO) provides ultra high frequency with PECL/LVPECL or differential Sine-Wave complementary outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEL [Nel Frequency Controls,inc]
Strona internetowa  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AE-XA4XXX-X Arkusz danych(HTML) 1 Page - Nel Frequency Controls,inc

  AE-XA4XXX-X Datasheet HTML 1Page - Nel Frequency Controls,inc AE-XA4XXX-X Datasheet HTML 2Page - Nel Frequency Controls,inc AE-XA4XXX-X Datasheet HTML 3Page - Nel Frequency Controls,inc AE-XA4XXX-X Datasheet HTML 4Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CRYSTAL OSCILLATORS
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591
FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Data Sheet 0701A
AE-XA4XXX-X Series
PECL/LVPECL UHF TCXO
Rev. M
Description
The AE-XA4XXX Series of temperature compensated crystal oscillators (TCXO)
provides ultra high frequency with PECL/LVPECL or differential Sine-Wave
complementary outputs. The device is based on low noise analog harmonic frequency
multiplication, providing exceptionally low Phase Noise and Jitter. It’s packaged in a
miniature, FR-4 based 17x14 mm SMD package.
Applications and Features
• Fiber Channel; 10 GbE; Infiniband; Network Processors; SONET/SDH
• High Reliability – NEL HALT/HASS qualified for crystal oscillator start-up
conditions
• Extremely Low Phase Noise and Jitter
• Frequency Range to 2,000 MHz
• High Shock Resistance, to 1000g
• COTS/Dual use
Creating a Part Number
AE- X A4 X X X - X - FREQ
Package code
AE – 8 pad 17x14 mm SMD
Operating Voltage
0 - 5.0 V ± 5%
A - 3.3 V ± 5%
B - 2.5 V ± 5%
Temperature Range, ºC
A – 0 to 50
B - 0 to 70
C - -20 to 70
D - -40 to 85
9 – customer specific
Temperature Stability, ppm
2 ± 2.5 ppm, (0 to 50)
5 ± 5 ppm (-20 to 70)
6 ± 10 ppm
9 customer specific
Output Type
P – PECL
S – Differential Sine
Environmental
L Contains a level of lead that is in
excess of RoHS directive and is
not designed for reflow
R RoHS compliant


Podobny numer części - AE-XA4XXX-X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nel Frequency Controls,...
AE-X0A5XXXX-X NEL-AE-X0A5XXXX-X Datasheet
378Kb / 5P
crystal oscillators (XO) provides high frequency with Sine-Wave or CMOS output
AE-X0A6XX-X NEL-AE-X0A6XX-X Datasheet
223Kb / 5P
SINEWAVE HF XO
AE-X29PXXX-X NEL-AE-X29PXXX-X Datasheet
158Kb / 4P
AE-X29PXXX-X Series
AE-X32BXX-X NEL-AE-X32BXX-X Datasheet
226Kb / 5P
voltage controlled crystal oscillators (VCXO) provides high frequency with CMOS/LVCMOS output
AE-X36DXXX-X NEL-AE-X36DXXX-X Datasheet
161Kb / 4P
voltage controlled crystal oscillators (VCXO) provides ultra high frequency with PECL/LVPECL or differential Sine-Wave complementary outputs
More results

Podobny opis - AE-XA4XXX-X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fox Electronics
FOX759 FOX-FOX759 Datasheet
423Kb / 1P
TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
FOX729 FOX-FOX729 Datasheet
219Kb / 1P
TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
logo
Kyocera Kinseki Corpota...
KT2520F26000ACW18TXX KSS-KT2520F26000ACW18TXX Datasheet
224Kb / 1P
Temperature Compensated Crystal Oscillators (TCXO)
logo
Nel Frequency Controls,...
AE-X0A5XXXX-X NEL-AE-X0A5XXXX-X Datasheet
378Kb / 5P
crystal oscillators (XO) provides high frequency with Sine-Wave or CMOS output
AE-X3A2XX-X NEL-AE-X3A2XX-X Datasheet
345Kb / 5P
voltage controlled crystal oscillators (VCXO) provides high frequency with Sine-Wave output
AE-X36DXXX-X NEL-AE-X36DXXX-X Datasheet
161Kb / 4P
voltage controlled crystal oscillators (VCXO) provides ultra high frequency with PECL/LVPECL or differential Sine-Wave complementary outputs
AN-XA32CXXX-X NEL-AN-XA32CXXX-X Datasheet
161Kb / 3P
temperature compensated crystal oscillators (TCXO/VCTCXO)
AN-XC2XXXX-X NEL-AN-XC2XXXX-X Datasheet
162Kb / 3P
temperature compensated crystal oscillators (TCXO/VCTCXO)
SD-X36AXXX-X NEL-SD-X36AXXX-X Datasheet
163Kb / 3P
voltage controlled crystal oscillators (VCXO) provides ultra high frequency with LVPECL complementary output
SD-X36BXXX-X NEL-SD-X36BXXX-X Datasheet
163Kb / 3P
voltage controlled crystal oscillators (VCXO) provides ultra high frequency with LVPECL complementary output
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com