Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AWB589 Arkusz danych(PDF) 23 Page - Advanced Semiconductor Business Inc.

Numer części AWB589
Szczegółowy opis  30 ~ 1200 MHz Wide-band Medium Power Amplifier MMIC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASB [Advanced Semiconductor Business Inc.]
Strona internetowa  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB589 Arkusz danych(HTML) 23 Page - Advanced Semiconductor Business Inc.

Back Button AWB589 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 18Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 19Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 20Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 21Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 22Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 23Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 24Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 25Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
AWB589
11.2 Rbias vs Current
Supply Voltage(V)
Rbais(kΩ)
Current(mA)
5
Not used
100
5.6
170
6
Not used
125
10
170
7
Not used
145
22
170
11.3 Performance Table
Supply voltage = +5, +6, +7 V, TA = +25 °C, ZO = 50 Ω.
Parameter
Typical
Unit
Frequency
470
860
470
860
470
860
470
860
470
860
470
860
MHz
Gain
19.6 19.1 19.6 19.1 19.6 19.1 19.6 19.1 19.8 19.3 19.8 19.3
dB
S11
-14
-10
-14
-10
-14
-10
-14
-10
-14
-10
-14
-10
dB
S22
-20
-12
-20
-12
-20
-12
-20
-12
-20
-12
-20
-12
dB
Noise Figure
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
dB
Output IP31)
40.0 38.0 45.0 43.0 42.5 40.5 44.5 44.0 43.0 41.5 45.0 43.0
dBm
Output P1dB
23.0 22.0 23.5 23.0 25.0 24.5 25.5 25.0 26.5 26.0 26.8 26.3
dBm
Current
100
170
125
170
145
170
mA
Device Voltage
+5
+6
+7
V
1) OIP3 is measured with two tones at an output power of +12 dBm/tone separated by 1MHz.
23/25
ASB Inc.
• sales@asb.co.kr
December 2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com