Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL6211 Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL6211
Szczegółowy opis  Crusoe??Processor Core-Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6211 Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL6211 Datasheet HTML 1Page - Intersil Corporation ISL6211 Datasheet HTML 2Page - Intersil Corporation ISL6211 Datasheet HTML 3Page - Intersil Corporation ISL6211 Datasheet HTML 4Page - Intersil Corporation ISL6211 Datasheet HTML 5Page - Intersil Corporation ISL6211 Datasheet HTML 6Page - Intersil Corporation ISL6211 Datasheet HTML 7Page - Intersil Corporation ISL6211 Datasheet HTML 8Page - Intersil Corporation ISL6211 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Absolute Maximum Ratings
Thermal Information
Bias Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6.5V
Input Voltage, Vin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +27.0V
PHASE, BOOT, ISEN, UGATE . . . . . . . . . . . . . GND-0.3V to +33.0V
BOOT with respect to PHASE . . . . . . . . . . . . . . . . . . . . . . . . . . +6.5V
All Other Pins. . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VCC + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Recommended Operating Conditions
Bias Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5.0V ±5%
Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5.0V to 24.0V
Ambient Temperature Range. . . . . . . . . . . . . . . . . . . -10oC to 85oC
Junction Temperature Range . . . . . . . . . . . . . . . . . -10oC to 125oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
SSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
85
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SSOP - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY
Nominal Supply Current
ICC
GATE Open
-
2.7
3.2
mA
Shut-down Supply Current
ICCS
-6
30
µA
Battery Pin Supply Current
IVIN
-12
20
µA
Battery Pin Leakage Current at Shut-Down
IVINSD
--
1
µA
POWER-ON RESET
Rising VCC Threshold
VTHU
4.3
4.65
4.75
V
Falling VCC Threshold
VTHD
4.1
4.35
4.45
V
OSCILLATOR
Free Running Frequency 1
FCLK1
FREQ = 0
255
300
345
kHz
Free Running Frequency 2
FCLK2
FREQ = 1
510
600
690
kHz
Ramp Amplitude, pk-pk
VIN = 16V, FREQ = 0 or FREQ = 1, By design
-
2
-
V
Ramp Offset
By design
-
0.5
-
V
REFERENCE, DAC AND SOFT START
VID0-VID4 Input Low Voltage
--
1.21
V
VID0-VID4 Input High Voltage
1.62
-
-
V
VID0-VID4 Pull-Up Current to Internal 2.5V
-
12
-
µA
DAC Voltage Accuracy
-1.0
-
+1.0
%
Soft-Start Current During Start-Up
ISS
Vsoft = 0V
20
26
32
µA
Soft-Start Current During Mode Change
ISSM
Vsoft = 0.5V...1.75V
350
500
650
µA
ALTV Current
IALTV
--10
-
µA
ALTV Current Accuracy
-5.0
-
+5.0
%
ISL6211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com