Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ASA303A Arkusz danych(PDF) 6 Page - Advanced Semiconductor Business Inc.

Numer części ASA303A
Szczegółowy opis  50 ~ 1200 MHz Gain Adjustable Trans-impedance Amplifier MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASB [Advanced Semiconductor Business Inc.]
Strona internetowa  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASA303A Arkusz danych(HTML) 6 Page - Advanced Semiconductor Business Inc.

  ASA303A Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/9
ASB Inc.
 sales@asb.co.kr
June 2014
ASA303A
version 1.
3.2 Plots of Performances
Gain Flatness Deviation ( 50 ~ 1200 MHz )
Gain Flatness Deviation ( 50 ~ 1000 MHz )
Gain Flatness Deviation ( 50 ~ 860 MHz )
0
200
400
600
800
1000 1200
Frequency (MHz)
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
Vctrl = 0 V
Vctrl = 1.02 V
Vctrl = 1.06 V
Vctrl = 1.09 V
Vctrl = 1.13 V
Vctrl = 1.18 V
Vctrl = 1.22 V
Vctrl = 1.28 V
Vctrl = 1.34 V
Vctrl = 1.41 V
Vctrl = 1.49 V
Vctrl = 1.59 V
Vctrl = 1.73 V
Vctrl = 1.92 V
Vctrl = 2.22 V
Vctrl = 3.30 V
Vctrl = 0 V
Vctrl = 3.30 V
0
200
400
600
800
1000
Frequency (MHz)
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
Vctrl = 0 V
Vctrl = 1.02 V
Vctrl = 1.06 V
Vctrl = 1.09 V
Vctrl = 1.13 V
Vctrl = 1.18 V
Vctrl = 1.22 V
Vctrl = 1.28 V
Vctrl = 1.34 V
Vctrl = 1.41 V
Vctrl = 1.49 V
Vctrl = 1.59 V
Vctrl = 1.73 V
Vctrl = 1.92 V
Vctrl = 2.22 V
Vctrl = 3.30 V
Vctrl = 0 V
Vctrl = 3.30 V
0
100 200 300 400 500 600 700 800 900
Frequency (MHz)
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
Vctrl = 0 V
Vctrl = 1.02 V
Vctrl = 1.06 V
Vctrl = 1.09 V
Vctrl = 1.13 V
Vctrl = 1.18 V
Vctrl = 1.22 V
Vctrl = 1.28 V
Vctrl = 1.34 V
Vctrl = 1.41 V
Vctrl = 1.49 V
Vctrl = 1.59 V
Vctrl = 1.73 V
Vctrl = 1.92 V
Vctrl = 2.22 V
Vctrl = 3.30 V
Vctrl = 0 V
Vctrl = 3.30 V
0
200
400
600
800
1000 1200
Frequency (MHz)
-50
-40
-30
-20
-10
0
10
Vctrl = 0 V
Vctrl = 1.02 V
Vctrl = 1.06 V
Vctrl = 1.09 V
Vctrl = 1.13 V
Vctrl = 1.18 V
Vctrl = 1.22 V
Vctrl = 1.28 V
Vctrl = 1.34 V
Vctrl = 1.41 V
Vctrl = 1.49 V
Vctrl = 1.59 V
Vctrl = 1.73 V
Vctrl = 1.92 V
Vctrl = 2.22 V
Vctrl = 3.30 V
Vctrl = 0 V
Vctrl = 3.30 V
0
200
400
600
800
1000 1200
Frequency (MHz)
0
10
20
30
40
Vctrl = 0 V
Vctrl = 1.02 V
Vctrl = 1.06 V
Vctrl = 1.09 V
Vctrl = 1.13 V
Vctrl = 1.18 V
Vctrl = 1.22 V
Vctrl = 1.28 V
Vctrl = 1.34 V
Vctrl = 1.41 V
Vctrl = 1.49 V
Vctrl = 1.59 V
Vctrl = 1.73 V
Vctrl = 1.92 V
Vctrl = 2.22 V
Vctrl = 3.30 V
Vctrl = 0 V
Vctrl = 3.30 V



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com