Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

US2C Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części US2C
Szczegółowy opis  Rectifier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

US2C Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  US2C Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd US2C Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd US2C Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Rectifier Diodes
US2A ~ US2M
■
Features
●
Super Fast Switching For High Efficiency
●
Low Forward Voltage Drop And High Current Capability
●
Low Reverse Leakage Current
●
Glass Passivated Chip
2.108
2.348
1
2
4.699
4.064
5.588
5.080
3.937
3.302
2.108
1.905
4.12
3.92
2.65
2.45
5.59
5.39
2.10
2.30
1.270
0.762
0.203
0.051
0.305
0.152
Recommended
Land Pattern
DO-214AA(SMB)
Unit: mm
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol US2A US2B US2C US2D US2G US2J US2K US2M Unit
Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
400
600
800 1000
RMS Voltage
VRMS
35
70
105
140
280
420
560
700
Maximum DC Blocking Voltage
VDC
50
100
150
200
400
600
800 1000
Forward Voltage@ TJ=25℃ IFM=2A
VF
1.4
Averaged Forward Current.@ TL=110℃
IFAV
Peak Forward Surge Current @ 8.3ms
IFSM
Maximum DC Reverse Current TJ=25℃
TJ=125℃
Maximum Reverse Current
(Note.1)
trr
ns
Typical Junction Capacitance (Note.2)
Cj
pF
Thermal Resistance.Junction- to-Ambient
RthJA
℃
/W
Junction Temperature
Tj
Storage Temperature
Tstg
50
20
V
2
50
1
1.7
IR
150
-55 to 150
℃
A
5
350
28
μA
100
Note.1: IF=0.5A, IR=1.0A,Irr=0.25A
Note.2: Measured at 1.0MHz, VR=4.0V
■
Marking
NO.
US2A
US2B
US2C
US2D
US2G
US2J
US2K
US2M
Marking
US2A
US2B
US2C
US2D
US2G
US2J
US2K
US2M


Podobny numer części - US2C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
US2C MCC-US2C Datasheet
462Kb / 4P
2 Amp Ultra Fast Rectifier 50 to 1000 Volts
US2CFL MCC-US2CFL Datasheet
761Kb / 4P
For Surface Mounted Applications
More results

Podobny opis - US2C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
Rectifier diodes
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
Rectifier Diodes
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
Rectifier Diodes
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
Rectifier Diodes
US3A KEXIN-US3A Datasheet
607Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_15 Datasheet
353Kb / 7P
Rectifier diodes
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com