Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF5N3710 Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRF5N3710
Szczegółowy opis  POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.028ohm, Id=45A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF5N3710 Arkusz danych(HTML) 1 Page - International Rectifier

  IRF5N3710 Datasheet HTML 1Page - International Rectifier IRF5N3710 Datasheet HTML 2Page - International Rectifier IRF5N3710 Datasheet HTML 3Page - International Rectifier IRF5N3710 Datasheet HTML 4Page - International Rectifier IRF5N3710 Datasheet HTML 5Page - International Rectifier IRF5N3710 Datasheet HTML 6Page - International Rectifier IRF5N3710 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
45
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
30
IDM
Pulsed Drain Current ➀
180
PD @ TC = 25°C
Max. Power Dissipation
125
W
Linear Derating Factor
1.0
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
250
mJ
IAR
Avalanche Current ➀
28
A
EAR
Repetitive Avalanche Energy ➀
12.5
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
3.7
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Package Mounting Surface Temperature
300 (for 5 s)
Weight
2.6 (Typical)
g
oC
A
7/9//01
www.irf.com
1
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRF5N3710
100V
0.028
45A
For footnotes refer to the last page
HEXFET® POWER MOSFET
IRF5N3710
SURFACE MOUNT (SMD-1)
100V, N-CHANNEL
Fifth Generation HEXFET®
power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve the lowest possible on-resistance
per silicon unit area. This benefit, combined with the
fast switching speed and ruggedized device design
that HEXFET power MOSFETs are well known for,
provides the designer with an extremely efficient device
for use in a wide variety of applications.
These devices are well-suited for applications such
as switching power supplies, motor controls, invert-
ers, choppers, audio amplifiers and high-energy pulse
circuits.
SMD-1
Features:
n Low RDS(on)
n Avalanche Energy Ratings
n Dynamic dv/dt Rating
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Surface Mount
n Light Weight
PD - 94235A


Podobny numer części - IRF5N3710

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF5N3710 IRF-IRF5N3710 Datasheet
118Kb / 7P
Avalanche Energy Ratings
IRF5N3710 IRF-IRF5N3710_15 Datasheet
118Kb / 7P
Avalanche Energy Ratings
More results

Podobny opis - IRF5N3710

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRCZ44 IRF-IRCZ44 Datasheet
132Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
IRF5EA1310 IRF-IRF5EA1310 Datasheet
238Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.036ohm, Id=23A)
IRF5M3710 IRF-IRF5M3710 Datasheet
114Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.03ohm, Id=35A)
IRF5NJ540 IRF-IRF5NJ540 Datasheet
115Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.052ohm, Id=22A*)
IRF5Y540CM IRF-IRF5Y540CM Datasheet
99Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.058ohm, Id=18A*)
IRFN3710 IRF-IRFN3710 Datasheet
132Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=100V, Rds(on)=0.028ohm, Id=45A)
IRFP044 IRF-IRFP044 Datasheet
170Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=57A)
IRFZ44R IRF-IRFZ44R Datasheet
153Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
IRLZ44 IRF-IRLZ44 Datasheet
169Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
IRLZ44S IRF-IRLZ44S Datasheet
282Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com