| Zakładka z wyszukiwarką danych komponentów |
|
R5F2138CSNFP Arkusz danych(PDF) 47 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2138CSNFP Arkusz danych(HTML) 47 Page - Renesas Technology Corp |
|
47 / 63 page ![]() R8C/38T-A Group 4. Electrical Characteristics R01DS0081EJ0100 Rev.1.00 Page 47 of 60 Dec 09, 2011 Notes: 1. Vcc = 3.3 V to 5.5 V, single-chip mode, output pins are open, and other pins are Vss. 2. XIN is set to square wave input. 3. fHOCO-F 4. The typical value (Typ.) indicates the current value when the CPU and the memory operate. The maximum value (Max.) indicates the current value when the CPU, the memory, and the peripheral functions operate and the flash memory is programmed/erased. Table 4.15 DC Characteristics (2) [3.3 V Vcc 5.5 V] (Topr = 20°C to 85°C (N version)/40°C to 85°C (D version), unless otherwise specified) Symbol Parameter Conditions Standard (4) Unit Oscillation On-Chip Oscillator CPU Clock Low-Power- Consumption Setting Other Min. Typ. Max. XIN (2) XCIN High- Speed Low- Speed ICC Power supply current (1) High- speed clock mode 20 MHz Off Off 125 kHz No division ―― 6.5 15 mA 16 MHz Off Off 125 kHz No division ―― 5.3 12.5 mA 10 MHz Off Off 125 kHz No division ―― 3.6 ― mA 20 MHz Off Off 125 kHz Divide-by-8 ―― 3.0 ― mA 16 MHz Off Off 125 kHz Divide-by-8 ―― 2.2 ― mA 10 MHz Off Off 125 kHz Divide-by-8 ―― 1.5 ― mA High- speed on- chip oscillator mode Off Off 20 MHz (3) 125 kHz No division ―― 7.0 15 mA Off Off 20 MHz (3) 125 kHz Divide-by-8 ―― 3.0 ― mA Off Off 4 MHz (3) 125 kHz Divide-by-16 MSTIIC = 1 MSTTRC = 1 ― 1 ― mA Low- speed on- chip oscillator mode Off Off Off 125 kHz Divide-by-8 FMR27 = 1 SVC0 = 0 ― 90 400 μA Low- speed clock mode Off 32 kHz Off Off ― FMR27 = 1 SVC0 = 0 ― 85 400 μA Off 32 kHz Off Off ― FMSTP = 1 SVC0 = 0 Program operation on RAM Flash memory off ― 47 ―μA Wait mode Off Off Off 125 kHz ― VCA27 = 0 VCA26 = 0 VCA25 = 0 SVC0 = 1 While a WAIT instruction is executed Peripheral clock operation ― 15 100 μA Off Off Off 125 kHz ― VCA27 = 0 VCA26 = 0 VCA25 = 0 SVC0 = 1 While a WAIT instruction is executed Peripheral clock off ― 490 μA Off 32 kHz Off Off ― VCA27 = 0 VCA26 = 0 VCA25 = 0 SVC0 = 1 While a WAIT instruction is executed Peripheral clock off ― 3.5 ―μA Stop mode Off Off Off Off ― VCA27 = 0 VCA26 = 0 VCA25 = 0 CM10 = 1 Topr = 25°C Peripheral clock off ― 2.2 6.0 μA Off Off Off Off ― VCA27 = 0 VCA26 = 0 VCA25 = 0 CM10 = 1 Topr = 85°C Peripheral clock off ― 30 ―μA |