Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2909 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 2909
Szczegółowy opis  65 MHz Center Frequency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2909 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  2909 Datasheet HTML 1Page - KR Electronics, Inc. 2909 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2009, KR Electronics, Inc.
CH2
S31
LOG
1 dB/
REF -5 dB
Cor
CH4
S31
DEL
50 ns/
REF 350 ns
CENTER
65 . 000
000
MHz
SPAN
3 . 000
000
MHz
Cor
Smo
21 Mar 2009 16:49:41
2
4
CH1
S31
LOG
10 dB/
REF 0 dB
START
10 . 000
000
MHz
STOP
1 000 . 000
000
MHz
Avg
16
21 Mar 2009 16:53:30
KR Electronics
KR 2909 is a 65 MHz bandpass filter. The filter has a typical
1 dB bandwidth of 1.6 MHz. Other passband frequencies are
available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 65 MHz Center Frequency
 1.6 MHz 1 dB Bandwidth
 SMA Connectors
 50  Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 50 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Podobny numer części - 2909

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Heyco.
2909 HEYCO-2909 Datasheet
128Kb / 1P
Open/Closed Bushings
logo
Adafruit Industries
2909 ADAFRUIT-2909 Datasheet
160Kb / 3P
USB 2.0 and Ethernet Hub - 3 USB Ports and 1 Ethernet
1/27/2016
logo
PHOENIX CONTACT
2909002 PHOENIX-2909002 Datasheet
76Kb / 5P
Base strip - MSTBO 2.5/ 4-GIL BK
2909170 PHOENIX-2909170 Datasheet
309Kb / 8P
ME 22,5 UT BK - Mounting base housing
2909211 PHOENIX-2909211 Datasheet
657Kb / 12P
REL-OR3/LDP-12DC/3X21 - Single relay
More results

Podobny opis - 2909

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KR Electronics, Inc.
2918 KR-2918 Datasheet
76Kb / 3P
750 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
800 MHz Center Frequency
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
500 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
140 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
975 MHz Center Frequency
2801-SMA KR-2801-SMA Datasheet
63Kb / 2P
42 MHz Center Frequency
2157-3-5-50 KR-2157-3-5-50 Datasheet
54Kb / 3P
3 MHz Center Frequency
2996 KR-2996 Datasheet
75Kb / 3P
65 MHz Center Frequency
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com