Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2880 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 2880
Szczegółowy opis  140 MHz Center Frequency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2880 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  2880 Datasheet HTML 1Page - KR Electronics, Inc. 2880 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S31
LOG
1 dB/
REF -1 dB
Cor
CH3
S31
DEL
5 ns/
REF 30 ns
CENTER
140 . 000
000
MHz
SPAN
60 . 000
000
MHz
Cor
Smo
17 Dec 2008 10:06:37
CH2
S31
LOG
10 dB/
REF 0 dB
START
10 . 000
000
MHz
STOP
1 000 . 000
000
MHz
Avg
16
17 Dec 2008 10:07:43
KR Electronics
KR 2880 is a 140 MHz group delay equalized bandpass filter.
The filter has a passband from 110 MHz to 170 MHz. Other
passband frequencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 140 MHz Center Frequency
 Sharp Transition to Stopband
 Group Delay Equalized
 50  Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 5 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Podobny numer części - 2880

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Adafruit Industries
2880 ADAFRUIT-2880 Datasheet
204Kb / 3P
2-pin JST SM Plug Receptacle Cable Set
2/19/2016
logo
Multicomp Pro
2880 MULTICOMP-2880 Datasheet
114Kb / 1P
Round Aluminum Through Hole Spacer
01/08/12 V1.0
logo
PHOENIX CONTACT
2880024 PHOENIX-2880024 Datasheet
366Kb / 9P
PT 2X1VA/S1-230AC-ST - Surge protection plug
2880134 PHOENIX-2880134 Datasheet
64Kb / 5P
19" rack with 20 surge protected ports for data interfaces in Ethernet (1000Base-T), Token Ring and FDDI/CDDI networks in acc. with Class D/EN 50173 (CAT5e), connection on the protective device: RJ45 sockets
2880147 PHOENIX-2880147 Datasheet
64Kb / 5P
19" rack with 16 surge protected ports for data interfaces in Ethernet (1000Base-T), Token Ring and FDDI/CDDI networks in acc. with Class D/EN 50173 (CAT5e), connection on the protective device: RJ45 sockets
More results

Podobny opis - 2880

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KR Electronics, Inc.
2918 KR-2918 Datasheet
76Kb / 3P
750 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
800 MHz Center Frequency
2905 KR-2905 Datasheet
72Kb / 3P
140 MHz Center Frequency
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
500 MHz Center Frequency
2879 KR-2879 Datasheet
37Kb / 2P
140 MHz Center Frequency
2838-30-SMA KR-2838-30-SMA Datasheet
49Kb / 2P
140 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
975 MHz Center Frequency
3029 KR-3029 Datasheet
71Kb / 3P
140 MHz Center Frequency
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com