Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2877 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 2877
Szczegółowy opis  150 MHz Center Frequency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2877 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  2877 Datasheet HTML 1Page - KR Electronics, Inc. 2877 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH2
S31
LOG
1 dB/
REF 0 dB
CENTER
150 . 000
000
MHz
SPAN
80 . 000
000
MHz
Cor
CH4
S31
DEL
10 ns/
REF 0 s
Cor
3 Dec 2008 10:49:58
2
4
CH1
S31
LOG
5 dB/
REF 0 dB
CENTER
150 . 000
000
MHz
SPAN
250 . 000
000
MHz
Cor
3 Dec 2008 10:50:30
KR Electronics
KR 2877 is a 150 MHz bandpass filter. The filter has a passband
from 110 MHz to 190 MHz. Other passband frequencies are
available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
150 MHz Center Frequency
80 MHz Bandwidth
Sharp Transition to Stopband
50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(5 dB/div)


Podobny numer części - 2877

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fluke Corporation
287 FLUKE-287 Datasheet
2Mb / 88P
True-rms Digital Multimeters
Rev. 1, 7/08
logo
Walther-Werke
287 WALTHER-287 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Glenair, Inc.
287-018 GLENAIR-287-018 Datasheet
462Kb / 2P
Glass-Sealed D-Subminiature Connector
287-018 GLENAIR-287-018 Datasheet
368Kb / 2P
Glass-Sealed D-Subminiature Connector
287-018H1AP-1 GLENAIR-287-018H1AP-1 Datasheet
462Kb / 2P
Glass-Sealed D-Subminiature Connector
More results

Podobny opis - 2877

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KR Electronics, Inc.
2918 KR-2918 Datasheet
76Kb / 3P
750 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
800 MHz Center Frequency
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
500 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
140 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
975 MHz Center Frequency
2801-SMA KR-2801-SMA Datasheet
63Kb / 2P
42 MHz Center Frequency
2157-3-5-50 KR-2157-3-5-50 Datasheet
54Kb / 3P
3 MHz Center Frequency
2574-SMA KR-2574-SMA Datasheet
59Kb / 2P
20 MHz Center Frequency
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com