Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2872 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 2872
Szczegółowy opis  95 MHz Center Frequency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2872 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  2872 Datasheet HTML 1Page - KR Electronics, Inc. 2872 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2009, KR Electronics, Inc.
CH2
S31
LOG
1 dB/
REF 0 dB
CENTER
95 . 000
000
MHz
SPAN
20 . 000
000
MHz
Cor
CH4
S31
DEL
10 ns/
REF 50 ns
Cor
Smo
9 Feb 2009 14:56:45
2
4
CH1
S31
LOG
10 dB/
REF 0 dB
START
10 . 000
000
MHz
STOP
1 000 . 000
000
MHz
9 Feb 2009 14:58:24
KR Electronics
KR 2872 is a 95 MHz bandpass filter. The filter has a minimum
3 dB bandwidth of 20 MHz. Other passband frequencies are
available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 95 MHz Center Frequency
 3 dB Bandwith 20 MHz min
 Surface Mount
 50  Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Podobny numer części - 2872

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Heyco.
2872 HEYCO-2872 Datasheet
128Kb / 1P
Open/Closed Bushings
logo
Adafruit Industries
2872 ADAFRUIT-2872 Datasheet
92Kb / 2P
NeoPixel NeoMatrix - 64 RGBW - Cool White - ~6000K
logo
Wiha Tools
2872 T18 WIHA-2872 T18 Datasheet
63Kb / 1P
Torque screwdriver set TorqueVario®-S electric
logo
Mallory performance clu...
28720 MALLORY-28720 Datasheet
214Kb / 12P
IGNITION COILS AND MARK II IGNITION COILS
logo
Wiha Tools
28723500 WIHA-28723500 Datasheet
7Mb / 16P
WORK IN A PERFECTLY PROTECTED WAY
More results

Podobny opis - 2872

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KR Electronics, Inc.
2918 KR-2918 Datasheet
76Kb / 3P
750 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
800 MHz Center Frequency
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
500 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
140 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
975 MHz Center Frequency
2801-SMA KR-2801-SMA Datasheet
63Kb / 2P
42 MHz Center Frequency
2157-3-5-50 KR-2157-3-5-50 Datasheet
54Kb / 3P
3 MHz Center Frequency
2574-SMA KR-2574-SMA Datasheet
59Kb / 2P
20 MHz Center Frequency
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com