Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2776 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 2776
Szczegółowy opis  Sharp Transition to Stopband
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2776 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  2776 Datasheet HTML 1Page - KR Electronics, Inc. 2776 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2007, KR Electronics, Inc.
CH1
S 21
log MAG
1 dB/
REF 0 dB
CENTER 78.750 000 MHz
SPAN 30.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 0 s
50 ns/
Cor
PRm
23 Aug 2007 17:33:32
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
CH1 CENTER 78.750 000 MHz
SPAN 100.000 000 MHz
Cor
PRm
23 Aug 2007 17:34:13
KR Electronics
KR 2776+ is a 78.75 MHz bandpass filter. The filter has a mini-
mum of 5 dB bandwidth of 30 MHz . Other passband frequen-
cies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• Sharp Transition to Stopband
• > 60 dB Stopband
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 50 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Podobny numer części - 2776

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Heyco.
2776 HEYCO-2776 Datasheet
111Kb / 1P
Vent Plugs and Thick Panel Vent Plugs
logo
PHOENIX CONTACT
2776032 PHOENIX-2776032 Datasheet
64Kb / 4P
Component terminal block - UDK 4-DUR 5K1
2776044 PHOENIX-2776044 Datasheet
56Kb / 4P
Feed-through terminal block - UDK 4-MTK-P/P MIT SPERRE
logo
Bel Fuse Inc.
2776A BEL-2776A Datasheet
28Kb / 2P
ISDN MAGNETICS Single S Interface Transformer
2776C BEL-2776C Datasheet
27Kb / 2P
HDSL MAGNETICS Transformer
More results

Podobny opis - 2776

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Glenair, Inc.
M24758-32C GLENAIR-M24758-32C Datasheet
192Kb / 2P
Transition
logo
KR Electronics, Inc.
3094-1 KR-3094-1 Datasheet
68Kb / 3P
124 MHz Highpass Filter Sharp Transition to the Stopband 70 dB min at 110 MHz
2884 KR-2884 Datasheet
36Kb / 2P
Sharp Transition to Stopband
2810-S KR-2810-S Datasheet
49Kb / 2P
Sharp Transition to Stopband
2778 KR-2778 Datasheet
50Kb / 2P
Sharp Transition to Stopband
2757-1 KR-2757-1 Datasheet
36Kb / 2P
Sharp Transition to Stopband
2722-1 KR-2722-1 Datasheet
49Kb / 2P
Sharp Transition to Stopband
logo
List of Unclassifed Man...
6AU6 ETC1-6AU6 Datasheet
467Kb / 7P
Sharp-Cutoff Pentode
logo
Kingston Technology Far...
DT100G3 KINGSTON-DT100G3 Datasheet
371Kb / 2P
An affordable transition to USB 3.0.
logo
NXP Semiconductors
EF184 PHILIPS-EF184 Datasheet
582Kb / 15P
SHARP CUT-OFF PENTODE
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com