Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2979 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 2979
Szczegółowy opis  300 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2979 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  2979 Datasheet HTML 1Page - KR Electronics, Inc. 2979 Datasheet HTML 2Page - KR Electronics, Inc. 2979 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2010, KR Electronics, Inc.
2979, Rev 0, March 25, 2010
KR Electronics
KR Electronics part number 2979 is a 300 MHz elliptic type
bandpass filter. The filter has a 150 MHz bandwidth and over
65 dB stopband rejection. Other center frequencies and band-
widths are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 300 MHz Bandpass Filter
 Elliptic Type
 Sharp Transition to Stopband
 High Stopband Attenuation
 50  Source and Load
 Surface Mount
 Also available with SMA connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Podobny numer części - 2979

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Adafruit Industries
2979 ADAFRUIT-2979 Datasheet
83Kb / 1P
Stranded-Core Wire Spool - 25ft - 22AWG - Green
logo
KR Electronics, Inc.
2979-SMA KR-2979-SMA Datasheet
71Kb / 3P
300 MHz Bandpass Filter
logo
PHOENIX CONTACT
2979469 PHOENIX-2979469 Datasheet
83Kb / 6P
Active module - UMK- 8 RM/MR-G24/ 1/PLC
2979472 PHOENIX-2979472 Datasheet
129Kb / 6P
Active module - UMK-32 RM/MR-G24/1/PLC
2979485 PHOENIX-2979485 Datasheet
140Kb / 4P
UMK- 8 RM/KSR-G 24/21/PLC
More results

Podobny opis - 2979

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
SF0300BA01973S ICST-SF0300BA01973S Datasheet
142Kb / 2P
300 MHz Filter
Rev 1.1
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
Spectrum Microwave, Inc...
SF0300BA01973S SPECTRUM-SF0300BA01973S Datasheet
149Kb / 2P
300 MHz Filter
logo
API Technologies Corp
SF0300BA01973S APITECH-SF0300BA01973S Datasheet
149Kb / 2P
300 MHz Filter
logo
KR Electronics, Inc.
2979-SMA KR-2979-SMA Datasheet
71Kb / 3P
300 MHz Bandpass Filter
3112 KR-3112 Datasheet
57Kb / 3P
300 MHz Bandpass Filter
3218-300-SMA KR-3218-300-SMA Datasheet
99Kb / 3P
300 MHz Bandpass Filter
3245 KR-3245 Datasheet
150Kb / 3P
300 MHz Bandpass
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com