| Zakładka z wyszukiwarką danych komponentów |
|
AN4071 Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4071 Arkusz danych(HTML) 5 Page - STMicroelectronics |
|
5 / 27 page ![]() AN4071 Comparator parameters Doc ID 022939 Rev 1 5/27 2 Comparator parameters Comparator classification by major parameters ● Propagation delay ● Current consumption ● Output stage type (open collector/drain or push-pull) ● Input offset voltage, hysteresis ● Output current capability ● Rise and fall time ● Input common mode voltage range. Besides major parameters, comparators are classified by other parameters such as input bias current, common mode and power supply rejection ratio, sample/hold function, and startup time. Figure 2. Comparator pinout example A single device has, ordinarily, five pins: two for power supply VCC+,VCC-, two as inputs IN+, IN- and one for the output OUT. It is possible to have an extra pin for standby function. When VIN(+) > VIN(-), the output is in high state, if VIN(+) < VIN(-), the output is in low state. |