Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4367 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części AN4367
Szczegółowy opis  This document provides overview
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4367 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button AN4367 Datasheet HTML 5Page - STMicroelectronics AN4367 Datasheet HTML 6Page - STMicroelectronics AN4367 Datasheet HTML 7Page - STMicroelectronics AN4367 Datasheet HTML 8Page - STMicroelectronics AN4367 Datasheet HTML 9Page - STMicroelectronics AN4367 Datasheet HTML 10Page - STMicroelectronics AN4367 Datasheet HTML 11Page - STMicroelectronics AN4367 Datasheet HTML 12Page - STMicroelectronics AN4367 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SPC56EL60xx/SPC56xL70xx exception cases
AN4367
10/13
DocID025333 Rev 1
3
SPC56EL60xx/SPC56xL70xx exception cases
This chapter lists most common exception cases that application software can experience
while running code on SPC56EL60xx/SPC56xL70xx device.
In general all protection access exceptions and 2b ECC exception leads to the same
machine check exception because of external bus error termination. In such case further
analysis relies on memory area check.
3.1
Flash 2b ECC error
3.1.1
Cause of the exception
Platform flash memory controller (PFLASHC) terminates bus transaction between CPU and
PFLASHC controller in case the Flash memory array signals 2b ECC problem during read
access. This leads to machine check exception because of bus_error termination.
Figure 4. Flash 2b ECC error
Table 4. SPC56EL60xx/SPC56xL70xx exception causes
Exception cause
Error
signaling
Exception
Description
Flash 2b ECC error
External bus
error
Machine check
Two or multiple bit error in the Flash memory leads to the
machine check exception when faulty area is read, instruction
fetch or data read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13