Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4586 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części AN4586
Szczegółowy opis  Signal conditioning, differential to single-ended amplification
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4586 Arkusz danych(HTML) 3 Page - STMicroelectronics

  AN4586 Datasheet HTML 1Page - STMicroelectronics AN4586 Datasheet HTML 2Page - STMicroelectronics AN4586 Datasheet HTML 3Page - STMicroelectronics AN4586 Datasheet HTML 4Page - STMicroelectronics AN4586 Datasheet HTML 5Page - STMicroelectronics AN4586 Datasheet HTML 6Page - STMicroelectronics AN4586 Datasheet HTML 7Page - STMicroelectronics AN4586 Datasheet HTML 8Page - STMicroelectronics AN4586 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DocID026915 Rev 1
3/19
AN4586
Error contributions
19
1
Error contributions
The error contributions which are taken into account in this application note include:
•
Resistor inaccuracies
•
Main op amp contribution which is the input offset voltage (Vio) (see Figure 1).
Figure 1. Input offset voltage
The Vio can be either positive or negative. Also, it can vary with the op amp CMRR, but this
parameter is not taken into account in this document.
In the different configurations below, the output voltage formula is written with and without
the error inaccuracies.
When we consider the error inaccuracies, eR corresponds to the resistor accuracy. For
example, it can be 1 %.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19