Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RM0020 Arkusz danych(PDF) 53 Page - STMicroelectronics

Numer części RM0020
Szczegółowy opis  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 Arkusz danych(HTML) 53 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 49Page - STMicroelectronics RM0020 Datasheet HTML 50Page - STMicroelectronics RM0020 Datasheet HTML 51Page - STMicroelectronics RM0020 Datasheet HTML 52Page - STMicroelectronics RM0020 Datasheet HTML 53Page - STMicroelectronics RM0020 Datasheet HTML 54Page - STMicroelectronics RM0020 Datasheet HTML 55Page - STMicroelectronics RM0020 Datasheet HTML 56Page - STMicroelectronics RM0020 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
RM0020
Function API
53/69
Algorithm:
Equation 46
for each n from 0 to N-1
Performance: See Section 7 and Table 59.
Example 28. iir_frac16_2nd
#include "libdsp2.h"
/* #pragma and ALIGN macros used to align to 4 bytes */
#ifdef __ghs__
#pragma alignvar (4)
#endif
ALIGN_DCC(4)
short x[256/*+2*/] ALIGN_MWERKS(4); /* +2 to ensure there are 4
bytes of readable memory behind x */
#ifdef __ghs__
#pragma alignvar (4)
#endif
ALIGN_DCC(4)
short y[256] ALIGN_MWERKS(4);
#ifdef __ghs__
#pragma alignvar (4)
#endif
ALIGN_DCC(4)
short s[4] ALIGN_MWERKS(4) = {0,0,0,0};
short c[5]
= {10209,20417,10209,2413,5654};
unsigned short N;
void main(void)
{
/* filter the samples in x with second-order IIR filter, */
/* write result into y */
N = 256;
iir_frac16_2nd(N, x, y, c, s);
}
6.29
iir_frac16_casc - cascade of frac16 second-order IIR filters
Function call:
#define iir_frac16_casc
iir_frac16_casc_c
void iir_frac16_casc_c(unsigned short N, short *x, short *y, short
*c,
short *s, unsigned short m);
yn

b0
xn
 b1
xn 1
 b2
xn 2
 a1
yn 1

a2
yn 2

++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69