Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3033 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 3033
Szczegółowy opis  Wide Bandpass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3033 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  3033 Datasheet HTML 1Page - KR Electronics, Inc. 3033 Datasheet HTML 2Page - KR Electronics, Inc. 3033 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2011, KR Electronics, Inc.
3033, 600 KHz to 20 MHz Bandpass, Rev 0, July 9, 2011
KR Electronics, Inc.
KR Electronics part number 3033 is a 600 KHz to 20 MHz band-
pass filter. Other center frequencies and are bandwidths avail-
able. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 Wide Bandpass
 Min 2 dB Passband
600 KHz to 20 MHz
 50  Source and Load
 BNC(f) Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Podobny numer części - 3033

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Heyco.
3033 HEYCO-3033 Datasheet
111Kb / 1P
Vent Plugs and Thick Panel Vent Plugs
logo
Keystone Electronics Co...
3033 KEYSTONE-3033 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
logo
PHOENIX CONTACT
3033016 PHOENIX-3033016 Datasheet
126Kb / 5P
STU 2,5-TWIN
3033032 PHOENIX-3033032 Datasheet
126Kb / 5P
STU 2,5-TWIN-PE
3033058 PHOENIX-3033058 Datasheet
188Kb / 18P
Feed-through terminal block - STU 4-TWIN
09/12/2020
More results

Podobny opis - 3033

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com