Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3046 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 3046
Szczegółowy opis  160 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3046 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  3046 Datasheet HTML 1Page - KR Electronics, Inc. 3046 Datasheet HTML 2Page - KR Electronics, Inc. 3046 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2011, KR Electronics, Inc.
3046, Rev 0, October 3, 2011
KR Electronics, Inc.
KR Electronics part number 3046 is a 160 MHz bandpass filter.
The filter has a minimum 2 dB bandwidth of 50 MHz and a max-
imum 50 dB bandwidth of 88 MHz. Other center frequencies and
bandwidths are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 160 MHz Bandpass Filter
 50 MHz min 2 dB Bandwidth
 88 MHz max 50 dB Bandwidth
 Sharp Elliptic Type Design
 50  Source and Load
 SMA Connectors
 Also available in surface mount
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Podobny numer części - 3046

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
3046 ALLEGRO-3046 Datasheet
136Kb / 8P
HALL EFFECT GEAR-TOOTH SENSORS ZERO SPEED
logo
Bourns Electronic Solut...
3046 BOURNS-3046 Datasheet
147Kb / 1P
Linear Motion Potentiometer
3046 BOURNS-3046 Datasheet
54Kb / 1P
Trimmer
logo
Heyco.
3046 HEYCO-3046 Datasheet
135Kb / 1P
Large Dome Plugs
logo
PHOENIX CONTACT
3046003 PHOENIX-3046003 Datasheet
177Kb / 17P
Knife disconnect terminal block - UT 4-TWIN-MT - 3046003
More results

Podobny opis - 3046

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RF Monolithics, Inc
SF1111A RFM-SF1111A Datasheet
210Kb / 7P
160 MHz SAW Filter
logo
TriQuint Semiconductor
855626 TRIQUINT-855626 Datasheet
66Kb / 1P
160 MHz Resonator Filter
logo
Integrated Circuit Syst...
SF0160CD02254T ICST-SF0160CD02254T Datasheet
93Kb / 2P
160 MHz SAW Bandpass Filter 4 MHz bandwidth
logo
Murata Manufacturing Co...
SF1111A MURATA-SF1111A Datasheet
87Kb / 4P
160 MHz SAW Filter
logo
KR Electronics, Inc.
2629-40-1 KR-2629-40-1 Datasheet
89Kb / 2P
160 MHz Bandpass
3162 KR-3162 Datasheet
105Kb / 3P
160 MHz Bandpass Filter
3172-SMA KR-3172-SMA Datasheet
101Kb / 3P
160 MHz Bandpass Filter
3012-160 KR-3012-160 Datasheet
97Kb / 3P
160 MHz Bandpass Filter
3298-10-160 KR-3298-10-160 Datasheet
69Kb / 3P
160 MHz Notch Filter
3298-82-160 KR-3298-82-160 Datasheet
70Kb / 3P
160 MHz Notch Filter
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com