Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3064 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 3064
Szczegółowy opis  300 MHz Lowpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3064 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  3064 Datasheet HTML 1Page - KR Electronics, Inc. 3064 Datasheet HTML 2Page - KR Electronics, Inc. 3064 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2012 KR Electronics, Inc.
3064, Rev 0, February 6, 2012
KR Electronics, Inc.
KR Electronics part number 3064 is a 300 MHz lowpass filter.
The filter has a minimum 1 dB bandwidth of 300 MHz and a
maximum 55 dB bandwidth of 600 MHz. Other bandwidths are
available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 300 MHz Lowpass Filter
 55 dB min Attenuation at 600 MHz
 Sharp Elliptic Type Design
 50  Source and Load
 SMA Connectors
 Also available in surface mount
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Podobny numer części - 3064

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
3064 ETC2-3064 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
3M Electronics
3064 3M-3064 Datasheet
162Kb / 2P
Particulate Respirators 8511 and 8211, N95
01-Jan-2004
logo
Adafruit Industries
3064 ADAFRUIT-3064 Datasheet
137Kb / 2P
JST 2-pin Extension Cable with On/Off Switch - JST PH2
logo
PHOENIX CONTACT
3064014 PHOENIX-3064014 Datasheet
81Kb / 5P
Knife disconnect terminal block - UT 4-TWIN-MT P/P
3064027 PHOENIX-3064027 Datasheet
129Kb / 8P
UT 4-QUATTRO-TG
More results

Podobny opis - 3064

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KR Electronics, Inc.
2403-S KR-2403-S Datasheet
42Kb / 3P
60 MHz Lowpass Filter
2978 KR-2978 Datasheet
95Kb / 3P
150 MHz Lowpass Filter
3007 KR-3007 Datasheet
91Kb / 3P
430 MHz Lowpass Filter
3007-SMA KR-3007-SMA Datasheet
65Kb / 3P
430 MHz Lowpass Filter
3018-2 KR-3018-2 Datasheet
52Kb / 3P
30 MHz Lowpass Filter
3153-SMA KR-3153-SMA Datasheet
80Kb / 3P
615 MHz Lowpass Filter
3202-2-BNC KR-3202-2-BNC Datasheet
57Kb / 3P
2 MHz Lowpass Filter
3253-201-LP KR-3253-201-LP Datasheet
92Kb / 3P
201 MHz Lowpass Filter
3253-201-LP-SMA KR-3253-201-LP-SMA Datasheet
82Kb / 3P
201 MHz Lowpass Filter
3271-BNC KR-3271-BNC Datasheet
50Kb / 3P
1 MHz Lowpass Filter
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com