Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AG403-89 Arkusz danych(PDF) 5 Page - TriQuint Semiconductor

Numer części AG403-89
Szczegółowy opis  Lead-free / RoHS-compliant / Green SOT-89 package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIQUINT [TriQuint Semiconductor]
Strona internetowa  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AG403-89 Arkusz danych(HTML) 5 Page - TriQuint Semiconductor

  AG403-89_15 Datasheet HTML 1Page - TriQuint Semiconductor AG403-89_15 Datasheet HTML 2Page - TriQuint Semiconductor AG403-89_15 Datasheet HTML 3Page - TriQuint Semiconductor AG403-89_15 Datasheet HTML 4Page - TriQuint Semiconductor AG403-89_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com, www.TriQuint.com
Page 5 of 5
January 2008
AG403-89
InGaP HBT Gain Block
AG403-89G (Green / Lead-free SOT-89 Package) Mechanical Information
This package is lead-free/Green/RoHS-compliant. It is compatible with both lead-free (maximum 260
°C reflow temperature) and leaded
(maximum 245
°C reflow temperature) soldering processes. The plating material on the leads is NiPdAu.
Outline Drawing
Land Pattern
Product Marking
The AG403-89G will be marked with an
“A403G” designator with an alphanumeric lot
code marked below the part designator.
The
obsolete tin-lead package is marked with an
“AG403”
designator
followed
by
an
alphanumeric lot code.
Tape and reel specifications for this part are
located on the website in the “Application
Notes” section.
MSL / ESD Rating
ESD Rating: Class 1C
Value:
Passes
≥ 1000V min.
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class IV
Value:
Passes
≥ 1000V min.
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL Rating: Level 3 at +260
°C convection reflow
Standard:
JEDEC Standard J-STD-020
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper
performance of this device.
Vias should use a .35mm
(#80 / .0135”) diameter drill and have a final plated thru
diameter of .25 mm (.010”).
2. Add as much copper as possible to inner and outer layers
near the part to ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the
board to a heatsink. Ensure that the ground / thermal via
region contacts the heatsink.
4. Do not put solder mask on the backside of the PC board in
the region where the board contacts the heatsink.
5. RF trace width depends upon the PC board material and
construction.
6. Use 1 oz. Copper minimum.
7. All dimensions are in millimeters (inches). Angles are in
degrees.
A403G
XXXX-X



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com