Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2862 Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części AN2862
Szczegółowy opis  Demonstration board user guidelines for the TS2007FC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2862 Arkusz danych(HTML) 2 Page - STMicroelectronics

  AN2862 Datasheet HTML 1Page - STMicroelectronics AN2862 Datasheet HTML 2Page - STMicroelectronics AN2862 Datasheet HTML 3Page - STMicroelectronics AN2862 Datasheet HTML 4Page - STMicroelectronics AN2862 Datasheet HTML 5Page - STMicroelectronics AN2862 Datasheet HTML 6Page - STMicroelectronics AN2862 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Description of the evaluation board
AN2862
2/7
1
Description of the evaluation board
The TS2007FC demonstration board is designed for the TS2007FC class D audio
differential amplifier. The TS2007FC device, in a flip-chip package, is mounted on a two-
layer PCB. Easily-accessible connectors on the board allow changing or driving the gain
select and standby control pins, as well as changing the input configuration of the
TS2007FC.
The TS2007FC’s gain can be set to either 6 or 12 dB via the P1 connector (see Table 1).
The input configuration is either capacitor-coupled or common-mode feedback. On the
evaluation board, the JP3 and JP4 connectors allow you to change the input configuration.
In the capacitor-coupled configuration, the -3 dB cut-off frequency in Hz is:
with Zin in Ω (Zin =75kΩ typically), C in Farads and C1 = C2.
More information about component calculations is available in the TS2007FC datasheet.
Caution:
When you apply the power supply through JP5, do not invert the polarity since this will
irreversibly damage the U1 amplifier.
Table 1.
Evaluation board connectors
Connector(s)
Description
JP1
Input signal connector (GND, In+, In-, GND).
JP1
Output signal connector (GND, Out-, Out+, GND).
JP3, JP4
Input configuration:
– capacitor-coupled when JP3 and JP4 are open.
– common-mode feedback when JP3 and JP4 are shorted by jumpers.
P1
Gain select control connector:
–
pins 1 and 2 are shorted or pin 2 is floating, the gain is 6 dB.
–
pins 2 and 3 are shorted, the gain is 12 dB.
The connector pins are connected as follows:
– 1 to VCC
– 2 to GS of the TS2007FC
– 3 to GND
P2
Standby control connector:
–
pins 1 and 2 are shorted, the TS2007FC is in operation mode.
–
pins 2 and 3 are shorted, the TS2007FC is in standby mode.
The connector pins are connected as follows:
– 1 to VCC
– 2 to STANDBY of the TS2007FC
– 3 to GND
JP5
Power connector (VCC and GND). Power supply voltage from 2.4 to 5.5 V.
1
2
π Z
in
C
1
⋅⋅
------------------------------------
1
2
π Z
in
C
2
⋅⋅
------------------------------------
=
`
12
3
`
12
3
`
12
3
`
12
3



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com