| Zakładka z wyszukiwarką danych komponentów |
|
UM0438 Arkusz danych(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0438 Arkusz danych(HTML) 39 Page - STMicroelectronics |
|
39 / 50 page ![]() UM0438 Simplified mnemonics for VLE instructions 39/50 A.8 Simplified mnemonics for accessing SPRs The mtspr and mfspr instructions specify a special-purpose register (SPR) as a numeric operand. Simplified mnemonics are provided that represent the SPR in the mnemonic rather than requiring it to be coded as a numeric operand. The pattern for mtspr and mfspr simplified mnemonics is straightforward: replace the -spr portion of the mnemonic with the abbreviation for the spr (for example XER, SRR0, or LR), eliminate the SPRN operand, leaving the source or destination GPR operand, rS or rD. Following are examples using the SPR simplified mnemonics: 1. Copy the contents of rS to the XER. mtxer rS equivalent to mtspr 1,rS 2. Copy the contents of the LR to rS. mflr rD equivalent to mfspr rD,8 3. Copy the contents of rS to the CTR. mtctr rS equivalent to mtspr 9,rS The examples above show simplified mnemonics for accessing SPRs defined by the AIM version of the PowerPC architecture; however, the same formula is used for Book E, EIS, and implementation-specific SPRs, as shown in the following examples: 1. Copy the contents of rS to CSRR0. mtcsrr0 rS equivalent to mtspr 58,rS 2. Copy the contents of IVOR0 to rS. mfivor0 rD equivalent to mfspr rD,400 3. Copy the contents of rS to the MAS1. mtmas1 rS equivalent to mtspr 625,rS There are additional simplified mnemonics for accessing SPRGs, which are not all supported by all assemblers. These mnemonics are shown in Table 31 along with the equivalent simplified mnemonic using the formula described in this section. Table 31. Additional simplified mnemonics for Accessing SPRGs SPR Move to SPR Move from SPR Simplified mnemonic Equivalent to Simplified mnemonic Equivalent to SPRGs mtsprg n,rS mtspr 272 + n,rS mfsprg rD,n mfspr rD,272 + n mtsprgn,rS mfsprgn rD |