| Zakładka z wyszukiwarką danych komponentów |
|
UM1627 Arkusz danych(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1627 Arkusz danych(HTML) 21 Page - STMicroelectronics |
|
21 / 38 page ![]() DocID024497 Rev 2 21/38 UM1627 API specification The values of EHV, ERS, ESUS, PGM, PSUS and PEAS represent the C90LC status at the entry of FlashSuspend; 0: Logic zero; 1: Logic one; X: Do-not-care . Assumptions It assumes that the Flash block is initialized using a ‘FlashInit()’ API. 2.6.8 FlashResume() Description This function checks if there is any suspended erase or program operation on the C90LC module, and resumes the suspended operation if there is any. Prototype UINT32 FlashResume (PSSD_CONFIG pSSDConfig, UINT8 *resumeState); Arguments Return values ERS_SUS 1 1 0 0 X 0 TRUE X1 1 0 X 0 FALSE SHADOW_ERS_SUS 1 1 0 0 X 1 TRUE X1 1 0 X 1 FALSE ERS_SUS_PGM_SUS 1 1 1 1 0 X TRUE X1 1 1 1 X FALSE ERS_SUS 1 0 0 1 X X FALSE Table 28. Suspending state and flag vs. C90LC status (continued) suspendState EHV ERS ESUS PGM PSUS PEAS suspendFlag Table 29. Arguments for FlashResume() Argument Description Range pSSDConfig Pointer to the SSD Configuration Structure. The values in this structure are chip-dependent. Please refer to Section 2.3 for more details. resumeState Indicate the resume state of C90LC module after the function being called. All return values are listed in Table 31. Table 30. Return values for FlashResume() Type Description Possible values UINT32 Successful completion. C90FL_OK |