| Zakładka z wyszukiwarką danych komponentów |
|
UM1635 Arkusz danych(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1635 Arkusz danych(HTML) 13 Page - STMicroelectronics |
|
13 / 42 page ![]() DocID024604 Rev 2 13/42 UM1635 API specification If the selected main array blocks or the shadow row is locked for erasing, those blocks or the shadow row is not erased, but ‘FlashErase()’ still returns C90FL_OK. User needs to check the erasing result with the ‘BlankCheck()’ function. It is impossible to erase any Flash block or shadow row when a program or erase operation is already in progress on C90FL2 module. ‘FlashErase()’ returns C90FL_ERROR_BUSY when trying to do so. In addition, when ‘FlashErase()’ is running, it is unsafe to read the data from the Flash partitions having one or more blocks being erased. Otherwise, it causes a Read-While-Write error. Assumptions It assumes that the Flash block is initialized using the ‘FlashInit()’ API. User provides the correct ssdConfig parameters to FlashErase() as returned by FlashInit(). 2.6.3 BlankCheck() Description This function checks on the specified Flash range in the main array or shadow row for blank state. If the blank checking fails, the first failing address and the failing data in Flash block is saved. Prototype UINT32 BlankCheck (PSSD_CONFIG pSSDConfig, UINT32 dest, UINT32 size, UINT32 * pFailAddress, UINT64 *pFailData, void (*CallBack) (void )); Table 10. Bit allocation for blocks in middle address space MSB LSB bit 31 … bit 4 bit 3 bit 2 bit 1 bit 0 reserved … reserved reserved reserved block 1 block 0 Table 11. Bit allocation for blocks in high address space MSB LSB bit 31 … bit 6 bit 5 bit 4 … bit 1 bit 0 reserved … reserved block 5 block 4 … Block 1 Block 0 |