Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3113 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 3113
Szczegółowy opis  100 KHz Differential Bandpass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3113 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  3113 Datasheet HTML 1Page - KR Electronics, Inc. 3113 Datasheet HTML 2Page - KR Electronics, Inc. 3113 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2013, KR Electronics, Inc.
3113, Rev 0, July 19, 2013
KR Electronics, Inc.
KR Electronics part number 3113 is a 100 KHz differential
bandpass filter. The filter has a 3 dB bandwidth of 5 KHz mini-
mum. Other center frequencies and bandwidths are available.
Please consult the factory.
General Description
KR Electronics, Inc.
Features
 100 KHz Differential Bandpass
 5 KHz min 3 dB Bandwidth
 50  Source and Load
 SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Podobny numer części - 3113

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
3113 ALLEGRO-3113 Datasheet
408Kb / 8P
HALL-EFFECT SWITCHES
logo
List of Unclassifed Man...
3113 ETC2-3113 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3113 ETC2-3113 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
3113 ETC2-3113 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3113 HEYCO-3113 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
More results

Podobny opis - 3113

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KR Electronics, Inc.
2786-2 KR-2786-2 Datasheet
63Kb / 2P
90 MHz differential bandpass filter
2851 KR-2851 Datasheet
50Kb / 2P
500 KHz bandpass filter
2869 KR-2869 Datasheet
97Kb / 2P
20 KHz bandpass filter
logo
Analog Devices
AD206 AD-AD206_15 Datasheet
3Mb / 13P
100 KHZ BANDWIDTH
logo
KR Electronics, Inc.
3026 KR-3026 Datasheet
40Kb / 3P
650 KHz Bandpass
3031 KR-3031 Datasheet
49Kb / 3P
727 KHz Bandpass
3117 KR-3117 Datasheet
58Kb / 3P
350 KHz Bandpass Filter
3205-BNC KR-3205-BNC Datasheet
149Kb / 3P
770 KHz Bandpass Filter
2436-90-SMA KR-2436-90-SMA Datasheet
183Kb / 3P
90 KHz Bandpass Filter
3317-SMA KR-3317-SMA Datasheet
197Kb / 3P
100 KHz Bandpass Filter
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com