Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3122 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 3122
Szczegółowy opis  6 Channel 60 Hz Active notch filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3122 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  3122 Datasheet HTML 1Page - KR Electronics, Inc. 3122 Datasheet HTML 2Page - KR Electronics, Inc. 3122 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2013, KR Electronics, Inc.
3122, Rev 0, December 23, 2013
KR Electronics, Inc.
KR Electronics part number 3122 is a 6 Channel 60 Hz active
notch filter. The power supply is built in to the package. Oth-
er notch frequencies and combinations of notch frequencies
can be specified. Contact factory for details.
General Description
KR Electronics, Inc.
Features
 6 Channel 60 Hz Active notch filter
 3 dB BW 7 Hz maximum
 No adjustments necessary
 Power Supply Included
Typical Performance
Single Channel Shown
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax


Podobny numer części - 3122

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
3122 ALLEGRO-3122 Datasheet
151Kb / 8P
HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
List of Unclassifed Man...
3122 ETC2-3122 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3122 ETC2-3122 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
Allegro MicroSystems
3122 ALLEGRO-3122 Datasheet
154Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
List of Unclassifed Man...
3122 ETC2-3122 Datasheet
68Kb / 1P
WASHERS
More results

Podobny opis - 3122

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KR Electronics, Inc.
2355 KR-2355 Datasheet
35Kb / 1P
Active Notch Filter
2355-120 KR-2355-120 Datasheet
16Kb / 1P
Active Notch Filter
2489-3 KR-2489-3 Datasheet
20Kb / 2P
Notch Filter
2355-240 KR-2355-240 Datasheet
81Kb / 2P
240 Hz Active notch filter No adjustments necessary
2355-400 KR-2355-400 Datasheet
101Kb / 2P
400 Hz Active notch filter No adjustments necessary
2355-50-BNC KR-2355-50-BNC Datasheet
41Kb / 2P
50 Hz Active notch filter
2355-BNC KR-2355-BNC Datasheet
43Kb / 2P
60 Hz Active notch filter
3099 KR-3099 Datasheet
60Kb / 3P
875 Hz Active Notch Filter
2355-20 KR-2355-20 Datasheet
101Kb / 3P
20 Hz Active notch filter
2195-BNC KR-2195-BNC Datasheet
46Kb / 3P
16 Hz Active Lowpass Filter
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com