| Zakładka z wyszukiwarką danych komponentów |
|
UPD16901GS Arkusz danych(PDF) 2 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD16901GS Arkusz danych(HTML) 2 Page - NEC |
|
2 / 12 page ![]() 2 µPD16901 ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C unless specified otherwise) Item Symbol Condition Rating Unit Supply voltage VIN 7.0 V Output voltage VSW 20 V Total power dissipation PT Note 0.9 W Operating ambient temperature TA –20 to 85 ˚ C Storage temperature range Tstg –55 to +150 ˚ C Note When 90 mm × 90 mm × 1.6 mm thick glass epoxy board is mounted RECOMMENDED OPERATING RANGE Item Symbol MIN. TYP. MAX. Unit Supply voltage VDD 4.5 5.0 5.5 V Charge pump capacitor C1, C2 0.033 0.1 0.47 µF Operating ambient temperature TA 070 ˚ C ELECTRICAL SPECIFICATIONS (TA = 25 ˚C, VIN = 5 V unless specified otherwise) Item Symbol Condition MIN. TYP. MAX. Unit (Oscillation block) Oscillation frequency fOSC RT = 68 k Ω 153 167 181 kHz On duty DUTY 67 % (Low voltage misoperation preventive circuit) Operation start voltage VIN(start-up) 3.3 3.7 4.3 V Operation stop voltage VIN(stop) 2.7 3.2 3.8 V Hysteresis width VHYS 0.3 0.5 0.7 V (Overcurrent detection block) Overcurrent detection voltage VDET 270 300 330 mV (On/off control block) ON/OFF pin input voltage VIH 4.5 V ≤ VIN ≤ 5.5 V VIN*0.7 V VIL 4.5 V ≤ VIN ≤ 5.5 V VIN*0.3 V ON/OFF pin input current IIL ON/OFF pin voltage = 0 –20 –5 –1 µA (Charge pump circuit) Output voltage VCHG 4.5 V ≤ VIN ≤ 5.5 V 8.0 11 V 0 ˚C ≤ TA ≤ 70 ˚C (Short-circuit protection circuit) Timer latch pin output current ISCP RT = 68 k Ω 2.0 3.3 4.5 µA Timer latch detection voltage VDETT 0.85 1.0 1.15 V (Output block) Output stage on resistance RDS(ON) IPK = 0.5 A 0.3 0.5 Ω Output stage leakage current IDSOFF VDS = 20 V 1.0 µA |