Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3133 Arkusz danych(PDF) 3 Page - KR Electronics, Inc.

Numer części 3133
Szczegółowy opis  25 MHz Center Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3133 Arkusz danych(HTML) 3 Page - KR Electronics, Inc.

  3133 Datasheet HTML 1Page - KR Electronics, Inc. 3133 Datasheet HTML 2Page - KR Electronics, Inc. 3133 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
© 2013, KR Electronics, Inc.
3133, 25 MHz Bandpass, Rev 0, December 10, 2013
Parameter
Specification
Filter type
Bandpass
Center Frequency
25 MHz
Insertion Loss
1 dB max
3 dB Bandwidth
44 MHz min
Rejection at 1 MHz
20 dB min
Rejection at 53 MHz
20 dB min
Source and Load
50

Notes
< 0.5 dB typical
3 MHz to 47 MHz
> 40 dB typical
> 40 dB typical
KR Electronics 3133
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1. Rectangular Metal Case
2. Dimensions in inches



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com