Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2159 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części AN2159
Szczegółowy opis  SPI protocol for STPM01/STPM10 metering devices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2159 Arkusz danych(HTML) 3 Page - STMicroelectronics

  AN2159 Datasheet HTML 1Page - STMicroelectronics AN2159 Datasheet HTML 2Page - STMicroelectronics AN2159 Datasheet HTML 3Page - STMicroelectronics AN2159 Datasheet HTML 4Page - STMicroelectronics AN2159 Datasheet HTML 5Page - STMicroelectronics AN2159 Datasheet HTML 6Page - STMicroelectronics AN2159 Datasheet HTML 7Page - STMicroelectronics AN2159 Datasheet HTML 8Page - STMicroelectronics AN2159 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
AN2159
Devices overview
Doc ID 11400 Rev 3
3/23
1
Devices overview
1.1
STPM01
The STPM01 is an ASSP designed for effective measurement of active, reactive and
apparent energy in a power line system using Rogowski coil, current transformer and shunt
sensors. This device can be implemented as a single chip in single phase energy meters or
as a peripheral in microcontroller based meter.
The STPM01 consists, essentially, of two parts: the analog part and the digital part. The
former, is composed by preamplifier and 1st order
Δ ∑ A/D converter blocks, band gap
voltage reference, low drop voltage regulator, the latter by system control, oscillator, hard
wired DSP and SPI interface.
There is also an OTP block, which is controlled through the SPI by means of a dedicated
command set. The configured bits are used for testing, configuration and calibration
purpose.
The DSP unit computes active, reactive and apparent energy, RMS and instantaneous
values of voltage and current. The results of computation are available as pulse frequency
and states on the digital outputs of the device or into the internal data registers, which can
be read from the device by means of SPI.
For more details on the device please refer to datasheet.
1.2
STPM10
The STPM10 is designed for effective measurement of active, reactive and apparent energy
in a power line system using Current Transformer or Shunt sensors. This device is intended
to be a peripheral measurement device in a microcontroller based meter.
The STPM10 consists of an analog part and a digital part. The former, is composed by
preamplifier and 1st order
Δ ∑ A/D converter blocks, Band gap voltage reference, Low drop
voltage regulator, the latter by system control, oscillator, hard wired DSP and SPI interface.
Configuration and calibration bits should be set by a microcontroller.
The DSP unit computes active, reactive and apparent energy, RMS and instantaneous
values of voltage and current. The results of computation are available in the internal data
registers, which can be read from the device by means of SPI.
For more details on the device please refer to datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com