Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UPD17015 Arkusz danych(PDF) 13 Page - NEC

Numer części UPD17015
Szczegółowy opis  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

UPD17015 Arkusz danych(HTML) 13 Page - NEC

Back Button UPD17015 Datasheet HTML 9Page - NEC UPD17015 Datasheet HTML 10Page - NEC UPD17015 Datasheet HTML 11Page - NEC UPD17015 Datasheet HTML 12Page - NEC UPD17015 Datasheet HTML 13Page - NEC UPD17015 Datasheet HTML 14Page - NEC UPD17015 Datasheet HTML 15Page - NEC UPD17015 Datasheet HTML 16Page - NEC UPD17015 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 120 page
background image
13
µPD17015
1.4
NOTES ON USE OF THE CE PIN
The CE pin has the test mode selecting function for testing the internal operation of the
µPD17015 (IC test), besides
the functions shown in Section 1.1.
Applying a voltage exceeding VDD to the CE pin causes the
µPD17015 to enter the test mode. When noise
exceeding VDD comes in during normal operation, the device is switched to the test mode.
For example, if the wiring from the CE pin is too long, noise may be induced on the wiring, causing this mode
switching.
When installing the wiring, lay the wiring in such a way that noise is suppressed as much as possible. If noise
yet arises, use an external part to suppress it as shown below.
•
Connect a diode with low VF between the pin
• Connect a capacitor between the pin and VDD.
and VDD.
VDD
VDD
CE
Diode with
low VF
CE
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More