Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TAT7427B Arkusz danych(PDF) 7 Page - TriQuint Semiconductor

Numer części TAT7427B
Szczegółowy opis  High Gain RF Amplifier, 75, 50-1200 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIQUINT [TriQuint Semiconductor]
Strona internetowa  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT7427B Arkusz danych(HTML) 7 Page - TriQuint Semiconductor

  TAT7427B_15 Datasheet HTML 1Page - TriQuint Semiconductor TAT7427B_15 Datasheet HTML 2Page - TriQuint Semiconductor TAT7427B_15 Datasheet HTML 3Page - TriQuint Semiconductor TAT7427B_15 Datasheet HTML 4Page - TriQuint Semiconductor TAT7427B_15 Datasheet HTML 5Page - TriQuint Semiconductor TAT7427B_15 Datasheet HTML 6Page - TriQuint Semiconductor TAT7427B_15 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TAT7427B
High Gain RF Amplifier, 75
Ω, 50-1200 MHz
Data Sheet: Rev A 05-15-11
- 7 of 7 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Product Compliance Information
ESD Information
ESD Rating:
Class 1B
Value:
Passes
≥ 500V min.
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating:
Class IV
Value:
Passes
≥ 2000 V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
Solderability
Compatible with the latest version of J-STD-020, Lead
free solder, 260°
This part is compliant with EU 2002/95/EC RoHS
directive (Restrictions on the Use of Certain Hazardous
Substances in Electrical and Electronic Equipment).
This product also has the following attributes:
• Lead Free
• Halogen Free (Chlorine, Bromine)
• Antimony Free
• TBBP-A (C
15H12Br402) Free
• PFOS Free
• SVHC Free
MSL Rating
MSL 3 at +260 °C convection reflow
The part is rated Moisture Sensitivity Level 3 at 260°C per JEDEC
standard IPC/JEDEC J-STD-020.
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information about
TriQuint:
Web:
www.triquint.com
Tel:
+1.707.526.4498
Email: info-sales@tqs.com
Fax:
+1.707.526.1485
For technical questions and application information:
Email: sjcapplications.engineering@tqs.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information contained
herein. TriQuint assumes no responsibility or liability whatsoever for any of the information contained herein. TriQuint
assumes no responsibility or liability whatsoever for the use of the information contained herein. The information contained
herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with such information is entirely with
the user. All information contained herein is subject to change without notice. Customers should obtain and verify the latest
relevant information before placing orders for TriQuint products. The information contained herein or any use of such
information does not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other intellectual property
rights, whether with regard to such information itself or anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-sustaining
applications, or other applications where a failure would reasonably be expected to cause severe personal injury or death.



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com