| Zakładka z wyszukiwarką danych komponentów |
|
AN4501 Arkusz danych(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4501 Arkusz danych(HTML) 44 Page - STMicroelectronics |
|
44 / 48 page ![]() Calculation details AN4501 44/48 DocID026394 Rev 1 Equation 30: Since , finally: 8.6 Calculation of the freewheeling diode RMS current By similarity of the MOSFET (see Figure 22) and diode (see Figure 23) current waveforms: the diode RMS current can be derived from Equation 30. The peak current and valley currents are the same. The diode conduct during (1 - D) x T in a switching cycle, whereas the MOSFET conducts during D x T. Therefore in the case of the diode, D must be replaced by 1 - D in Equation 30. Equation 31: Figure 23. Typical current waveform of the freewheeling diode in CCM 8.7 Calculation of the inductor RMS current Figure 2 shows that: iL = iM1 (and (iD = 0)) for 0 < t < DT I M1,RMS 2 D 3I L,PP × ---------------------- I L,PP 3I L 2 I L,PP 2 4 ---------------- + × = I M1,RMS 2 DI L 2 I L,PP 2 12 ---------------- + × = I L I OU T 1D – ------------- = I M1,RMS I OU T 1D – ------------- D1 1 12 ------ I L,PP I L ------------ 2 + × × = I D,RMS 2 1D – () I L 2 I L,PP 2 12 ---------------- + × = |