Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PM0014 Arkusz danych(PDF) 19 Page - STMicroelectronics

Numer części PM0014
Szczegółowy opis  General-purpose DSP library
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0014 Arkusz danych(HTML) 19 Page - STMicroelectronics

Back Button PM0014 Datasheet HTML 15Page - STMicroelectronics PM0014 Datasheet HTML 16Page - STMicroelectronics PM0014 Datasheet HTML 17Page - STMicroelectronics PM0014 Datasheet HTML 18Page - STMicroelectronics PM0014 Datasheet HTML 19Page - STMicroelectronics PM0014 Datasheet HTML 20Page - STMicroelectronics PM0014 Datasheet HTML 21Page - STMicroelectronics PM0014 Datasheet HTML 22Page - STMicroelectronics PM0014 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
PM0014
Arithmetic library functions
19/46
5.3.3
cSub_16
cSub_16 (short LeftOp_I, short LeftOp_R, short RightOp_I, short RightOp_R, long
*Output)
Description:
Subtraction of two complex 16-bit operands.
Argument:
LeftOp_I
Left operand imaginary part.
LeftOp_R
Left operand real part.
RightOp_I
Right operand imaginary part.
RightOp_R
Right operand real part.
Output
Output pointer.
Algorithm:
LeftOp_R - RightOp_R = Output_R
LeftOp_I - RightOp_I = Output_I
Note:
Output imaginary part is contained in the highest address (pointed
by Output + 2). Output real part is contained in the lowest address
(pointed by Output).
Assembly source
code:
cSub_16.asm
Code size and cycles: Size: 14 bytes
Instruction cycles: 18
Test:
Two files are provided to test the function: an input vector file
(cSub_16.in) and an output vector file (cSub_16.res):
cSub_16.in is made as follows:
LeftOp_I1, LeftOp_R1, RightOp_I1, RightOp_R1
LeftOp_I2, LeftOp_R2, RightOp_I2, RightOp_R2
...
cSub_16.res is made as follows:
Output_R1,Output_I1
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46