| Zakładka z wyszukiwarką danych komponentów |
|
AN604 Arkusz danych(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN604 Arkusz danych(HTML) 4 Page - STMicroelectronics |
|
4 / 12 page ![]() Diode forward characteristics AN604 4/12 Doc ID 3607 Rev 3 Figure 3. VT0(Tj) and RD(Tj) parameters VT0 and RD are given in each ST diode datasheet. In most cases they are calculated at 125 °C with maximum VF values for IF1 = IF(AV) and IF2 = 2· IF(AV), where IF(AV) is the average forward current rating of the diode. For a quick calculation these values can be used. For more accurate estimation, RD and VT0 must be calculated using the specific application conditions. See the example in Chapter 3. I F V F 0 I F2 I F1 V F (I F1 ,TjRef2 ) V F (I F2 ,TjRef2 ) V F (I F1 ,TjRef1 ) VF(IF2,TjRef1) V T0 (TjRef2 ) V T0 (TjRef1 ) T jRef2 > TjRef1 V F (I F ,TjRef2 ) V F (I F ,TjRef1 ) ) ( jref2 D T R 1 ) ( jref1 D T R 1 |