| Zakładka z wyszukiwarką danych komponentów |
|
UM0541 Arkusz danych(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0541 Arkusz danych(HTML) 13 Page - STMicroelectronics |
|
13 / 19 page ![]() UM0541 DCP-Application Programming Interface 13/19 PFN_DCB2 Function pointer to the ProcessFrame function typedef UINT32 (*PFN_DCB2)(UINT32 LPFRAME pFrame); PFN_DEH Function pointer to the error handling function typedef UINT32 (*PFN_DEH)(UINT32 u32Error); 3.3.2 Configuration constants The following #define in DCP.h can be used to configure protocol behavior. The following parameters, set by the compiler, are used to conditionally compile code for a specific platform. The following #define in DCPPort_x.h can be used to configure protocol behavior. Table 1. Constants in DCP.h Name Description ACK_MANAGEMENT Transmit ACK frames ACK_MANAGEMENT_TIMEOUT ACK waiting delay in ms RESEND_ON_ERROR Uncomment to activate resend of frames on error MAX_SEND_TRIES Max number of send retries CHECK_PARAMETERS Enable check arguments USE_ERROR_HANDLER Enable error handler NO_TRACE Disable debug messages DCP_VERSION Version of DCP Protocol DCP_NOTIFICATIONS To avoid of redefine DCN_ constants DCP_COMMANDS To avoid of redefine DCC_ commands PFN_DCB2_DEFINED To avoid of redefine PFN_DCB PFN_DEH_DEFINED To avoid of redefine PFN_DCB Table 2. Constants in DCPPort_x.h Name Description ACK_MANAGEMENT_TIMEOUT Time for acknowledgement waiting DCP_ENDIANNESS Set the endianness DCP_COM_VIA_UART Set UART as communication channel DCP_COM_VIA_CAN Set CAN as communication channel |