| Zakładka z wyszukiwarką danych komponentów |
|
UM0563 Arkusz danych(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0563 Arkusz danych(HTML) 31 Page - STMicroelectronics |
|
31 / 46 page ![]() UM0563 L9952GXP software driver platform types 31/46 Table 30. L9952drv_RelayOutputType Type enum Range RELAYOUTPUT_OFF_OFF Switches both relays off RELAYOUTPUT_ON_OFF Switches relay REL1 on and REL2 off RELAYOUTPUT_OFF_ON Switches relay REL1 off and REL2 on RELAYOUTPUT_ON_ON Switches both relays on RELAYOUTPUT_OFF_X Switches relay REL1 off and refreshes the previous state of REL2 RELAYOUTPUT_ON_X Switches relay REL1 on and refreshes the previous state of REL2 RELAYOUTPUT_X_OFF Switches relay REL2 off and refreshes the previous state of REL1 RELAYOUTPUT_X_ON Switches relay REL2 on and refreshes the previous state of REL1 Description Defines the states to control the relay outputs Table 31. L9952drv_VoltageReg2ModeType Type enum Range L9952DRV_VOLTAGE_REG2_OFF Switches voltage regulator 2 off L9952DRV_VOLTAGE_REG2_ON_AC TIVE Switches voltage regulator 2 on when the L9952GXP is in active mode L9952DRV_VOLTAGE_REG2_ON_V1 Switches voltage regulator 2 on when the L9952GXP is in active or V1 standby mode L9952DRV_VOLTAGE_REG2_ON Switches voltage regulator 2 on Description Defines the voltage regulator 2 modes of the L9952GXP |