Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM0401 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części UM0401
Szczegółowy opis  User manual for eight bit port expander
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0401 Arkusz danych(HTML) 4 Page - STMicroelectronics

  UM0401 Datasheet HTML 1Page - STMicroelectronics UM0401 Datasheet HTML 2Page - STMicroelectronics UM0401 Datasheet HTML 3Page - STMicroelectronics UM0401 Datasheet HTML 4Page - STMicroelectronics UM0401 Datasheet HTML 5Page - STMicroelectronics UM0401 Datasheet HTML 6Page - STMicroelectronics UM0401 Datasheet HTML 7Page - STMicroelectronics UM0401 Datasheet HTML 8Page - STMicroelectronics UM0401 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Getting started
UM0401
4/17
1
Getting started
1.1
System requirements
In order to use the port expander demonstration board with the Windows operating system,
a recent version of Windows, such as Windows XP or Windows 2000 must be installed on
the PC. The user must have administrative rights to install the executable and launch it.
The version of the Windows OS installed on your PC may be determined by clicking on the
"System" icon in the Control Panel.
1.2
Package contents
The port expander demo board includes the following items:
●
Hardware content:
–
One demonstration board
–
One parallel port cable
●
Software content:
–
PC executable software (STMPE801_GUI) to be used along with demo board
–
A DLL file to support the executable (io.dll) to be installed in the same directory as
the executable file.
–
Source code (written in Borland Delphi)
●
Documentation:
–User manual
–
Schematic of the hardware
1.3
Software installation
The GUI is a simple executable that can be run even from a USB flash drive. The only
requirement is that the user must have administrative rights on the system in order to open
the accompanying DLL file. The GUI can be started by double-clicking on the file
STMPE801_GUI.exe. When the exe file is opened, the GUI resembles Figure 1 below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17