Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD150R Arkusz danych(PDF) 6 Page - International Rectifier

Numer części SD150R
Szczegółowy opis  STANDARD RECOVERY DIODES Stud Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

SD150R Arkusz danych(HTML) 6 Page - International Rectifier

  SD150R Datasheet HTML 1Page - International Rectifier SD150R Datasheet HTML 2Page - International Rectifier SD150R Datasheet HTML 3Page - International Rectifier SD150R Datasheet HTML 4Page - International Rectifier SD150R Datasheet HTML 5Page - International Rectifier SD150R Datasheet HTML 6Page - International Rectifier SD150R Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SD150N/R Series
Fig. 3 - Forward Power Loss Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 1 - Current Ratings Characteristics
120
130
140
150
160
170
180
0
20
40
60
80
100 120 140 160
30°
60°
90°
120°
180°
Average Forward Current (A)
Conduc tion Angle
SD150N/RSeries
R
(DC) = 0.23 K/ W
thJC
110
120
130
140
150
160
170
180
0
40
80
120
160
200
240
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
SD150N/RSeries
R
(DC) = 0.23 K/ W
thJC
20
40
60
80
100 120 140 160 180
Maximum Allowable Ambient Temperature (°C)
0.6
K/W
0.8
K/W
1 K
/W
1.4
K/ W
1.8 K
/ W
0
20
40
60
80
100
120
140
160
180
200
220
0
20
40
60
80
100 120 140 160
180°
120°
90°
60°
30°
RMSLimit
Conduction Angle
Average Forward Current (A)
SD150N/RSeries
T = 180°C
J
20
40
60
80
100 120 140 160 180
Maximum Allowable Ambient Temperature (°C)
1.8 K/W
1.4K
/ W
1 K/
W
0.8
K/ W
0.6
K/W
0.5
K/W
0.4
K/W
0
50
100
150
200
250
300
0
50
100
150
200
250
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average Forward Current (A)
SD150N/ RSeries
T = 180°C
J
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com