Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN993 Arkusz danych(PDF) 25 Page - STMicroelectronics

Numer części AN993
Szczegółowy opis  Electronic ballast with PFC using L6574 and L6561
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN993 Arkusz danych(HTML) 25 Page - STMicroelectronics

Back Button AN993 Datasheet HTML 19Page - STMicroelectronics AN993 Datasheet HTML 20Page - STMicroelectronics AN993 Datasheet HTML 21Page - STMicroelectronics AN993 Datasheet HTML 22Page - STMicroelectronics AN993 Datasheet HTML 23Page - STMicroelectronics AN993 Datasheet HTML 24Page - STMicroelectronics AN993 Datasheet HTML 25Page - STMicroelectronics AN993 Datasheet HTML 26Page - STMicroelectronics AN993 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
AN993
Dimming the lamp
Doc ID 5656 Rev 10
25/27
6.1
Dimming level and lamp turn-on
During the start-up sequence the frequency always goes from fmax to fmin, regardless of the
dimming level, and it is only after this that the lamp’s turn-on frequency moves towards
higher frequencies. The delay during which f = fmin allows the lamp to turn on, but has the
drawback of causing a "flash" that can be unpleasant. As the minimum length of this delay
depends on the type of lamp, it is better to set it as low as possible, finding the best
compromise.
The easiest way to set this delay is to act on the amplifier’s compensation, that is, on C9: the
higher C9, the longer the delay and the easier the lamp turn-on. Values up to 200 nF and
more are commonly used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27