Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2052 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części AN2052
Szczegółowy opis  This report describes how the frequency modulation reduces
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2052 Arkusz danych(HTML) 4 Page - STMicroelectronics

  AN2052 Datasheet HTML 1Page - STMicroelectronics AN2052 Datasheet HTML 2Page - STMicroelectronics AN2052 Datasheet HTML 3Page - STMicroelectronics AN2052 Datasheet HTML 4Page - STMicroelectronics AN2052 Datasheet HTML 5Page - STMicroelectronics AN2052 Datasheet HTML 6Page - STMicroelectronics AN2052 Datasheet HTML 7Page - STMicroelectronics AN2052 Datasheet HTML 8Page - STMicroelectronics AN2052 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Test results
AN2052
4/13
DocID10909 Rev 2
Figure 3. FM configuration “B”, time average at 200 kHz, 43.92 dBuV/m
As shown in Figure 1, 2 and 3, using the FM technique, an improvement is obtained.
When frequencies are lower than 1 MHz, the device switching is the primary noise
generator. Using the configuration “A” or “B”, a 5 dBuV/m drop is obtained for
frequencies lower than 200 kHz.
Between 1 MHz and 10 MHz, both configurations “A” and “B” make a dramatic drop
bigger than 15 dBuV/m. Above 10 MHz, FM technique benefits are reduced and
capacitive coupling between copper tracks in PCB is dominant.
Table 1. EMI comparison between original “A” and “B” configurations
<1 MHz
1 MHz to10 MHz
>10 MHz
Original
Marginally pass
Pass
Enough margin
“A”
Pass
More margin
Enough margin
“B”
More margin
More margin
Enough margin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com