| Zakładka z wyszukiwarką danych komponentów |
|
AN2328 Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2328 Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 7 page ![]() Coding example AN2328 2/7 1 Coding example 1.1 Load HID library A dynamic loading hid library is used. //Pointers to a function are used, therefore: typedef VOID (__stdcall *PHidD_GetProductString)(HANDLE, PVOID, ULONG); typedef VOID (__stdcall *PHidD_GetHidGuid)(LPGUID); typedef BOOLEAN (__stdcall *PHidD_GetAttributes)(HANDLE, PHIDD_ATTRIBUTES); typedef BOOLEAN (__stdcall *PHidD_SetFeature)(HANDLE, PVOID, ULONG); typedef BOOLEAN (__stdcall *PHidD_GetFeature)(HANDLE, PVOID, ULONG); HINSTANCE hHID = NULL; PHidD_GetProductString HidD_GetProductString = NULL; PHidD_GetHidGuid HidD_GetHidGuid = NULL; PHidD_GetAttributes HidD_GetAttributes = NULL; PHidD_SetFeature HidD_SetFeature = NULL; PHidD_GetFeature HidD_GetFeature = NULL; //Load the library: hHID = LoadLibrary("HID.DLL"); //Update the pointers: HidD_GetProductString = (PHidD_GetProductString) GetProcAddress(hHID, "HidD_GetProductString"); HidD_GetHidGuid = (PHidD_GetHidGuid) GetProcAddress(hHID, "HidD_GetHidGuid"); HidD_GetAttributes = (PHidD_GetAttributes) GetProcAddress(hHID, "HidD_GetAttributes"); HidD_SetFeature = (PHidD_SetFeature) GetProcAddress(hHID, "HidD_SetFeature"); HidD_GetFeature = (PHidD_GetFeature) GetProcAddress(hHID, "HidD_GetFeature"); 1.2 Lookup device typedef struct _HIDD_ATTRIBUTES { ULONG Size; // = sizeof (struct _HIDD_ATTRIBUTES) USHORT VendorID; USHORT ProductID; USHORT VersionNumber; } HIDD_ATTRIBUTES, *PHIDD_ATTRIBUTES; GUID HidGuid; (HidD_GetHidGuid)(&HidGuid); HDEVINFO hDevInfo; HANDLE DeviceHandle; //Get information about HIDs try { hDevInfo = SetupDiGetClassDevs (&HidGuid,NULL,NULL,DIGCF_PRESENT|DIGCF_INTERFACEDEVICE); if (hDevInfo == INVALID_HANDLE_VALUE) return 0; } catch (...) { |